Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6208
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6208 Datasheet HTML 11Page - STMicroelectronics L6208 Datasheet HTML 12Page - STMicroelectronics L6208 Datasheet HTML 13Page - STMicroelectronics L6208 Datasheet HTML 14Page - STMicroelectronics L6208 Datasheet HTML 15Page - STMicroelectronics L6208 Datasheet HTML 16Page - STMicroelectronics L6208 Datasheet HTML 17Page - STMicroelectronics L6208 Datasheet HTML 18Page - STMicroelectronics L6208 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15/27
L6208
time. The drive mode is selected by the HALF/FULL input and the current state of the sequence generator as
described below. A rising edge of the CLOCK input advances the state machine to the next state. The direction
of rotation is set by the CW/CCW input. The RESET input resets the state machine to state.
HALF STEP MODE
A HIGH logic level on the HALF/FULL input selects Half Step Mode. Figure 16 shows the motor current wave-
forms and the state diagram for the Phase Sequencer Generator. At Start-Up or after a RESET the Phase Se-
quencer is at state 1. After each clock pulse the state changes following the sequence 1,2,3,4,5,6,7,8,… if CW/
CCW is high (Clockwise movement) or 1,8,7,6,5,4,3,2,… if CW/CCW is low (Counterclockwise movement).
NORMAL DRIVE MODE (Full-step two-phase-on)
A LOW level on the HALF/FULL input selects the Full Step mode. When the low level is applied when the state
machine is at an ODD numbered state the Normal Drive Mode is selected. Figure Fig. 17 shows the motor cur-
rent waveform state diagram for the state machine of the Phase Sequencer Generator. The Normal Drive Mode
can easily be selected by holding the HALF/FULL input low and applying a RESET. AT start -up or after a RE-
SET the State Machine is in state1. While the HALF/FULL input is kept low, state changes following the se-
quence 1,3,5,7,… if CW/CCW is high (Clockwise movement) or 1,7,5,3,… if CW/CCW is low (Counterclockwise
movement).
WAVE DRIVE MODE (Full-step one-phase-on)
A LOW level on the pin HALF/FULL input selects the Full Step mode. When the low level is applied when the
state machine is at an EVEN numbered state the Wave Drive Mode is selected. Figure 18 shows the motor cur-
rent waveform and the state diagram for the state machine of the Phase Sequence Generator. To enter the
Wave Drive Mode the state machine must be in an EVEN numbered state. The most direct method to select the
Wave Drive Mode is to first apply a RESET, then while keeping the HALF/FULL input high apply one pulse to
the clock input then take the HALF/FULL input low. This sequence first forces the state machine to sate 1. The
clock pulse, with the HALF/FULL input high advances the state machine from state 1 to either state 2 or 8 de-
pending on the CW/CCW input. Starting from this point, after each clock pulse (rising edge) will advance the
state machine following the sequence 2,4,6,8,… if CW/CCW is high (Clockwise movement) or 8,6,4,2,… if CW/
CCW is low (Counterclockwise movement).
Figure 16. Half Step Mode
Figure 17. Normal Drive Mode
3
2
4
5
1
D01IN1320
2345678
6
1
8
7
IOUTA
IOUTB
CLOCK
Start Up or Reset
2
4
1
D01IN1322
3571357
6
8
IOUTA
IOUTB
CLOCK
35
17
Start Up or Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com