Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208N Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6208N
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6208N Datasheet HTML 12Page - STMicroelectronics L6208N Datasheet HTML 13Page - STMicroelectronics L6208N Datasheet HTML 14Page - STMicroelectronics L6208N Datasheet HTML 15Page - STMicroelectronics L6208N Datasheet HTML 16Page - STMicroelectronics L6208N Datasheet HTML 17Page - STMicroelectronics L6208N Datasheet HTML 18Page - STMicroelectronics L6208N Datasheet HTML 19Page - STMicroelectronics L6208N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
L6208
16/27
Figure 18. Wave Drive Mode
NON-DISSIPATIVE OVERCURRENT PROTECTION
The L6208 integrates an Overcurrent Detection Circuit (OCD). This circuit provides protection against a short
circuit to ground or between two phases of the bridge. With this internal over current detection, the external cur-
rent sense resistor normally used and its associated power dissipation are eliminated. Figure 19 shows a sim-
plified schematic of the overcurrent detection circuit.
To implement the over current detection, a sensing element that delivers a small but precise fraction of the out-
put current is implemented with each high side power MOS. Since this current is a small fraction of the output
current there is very little additional power dissipation. This current is compared with an internal reference cur-
rent IREF. When the output current reaches the detection threshold (typically 5.6A) the OCD comparator signals
a fault condition. When a fault condition is detected, the EN pin is pulled below the turn off threshold (1.3V typ-
ical) by an internal open drain MOS with a pull down capability of 4mA. By using an external R-C on the EN pin,
the off time before recovering normal operation can be easily programmed by means of the accurate thresholds
of the logic inputs.
Figure 19. Overcurrent Protection Simplified Schematic
2
4
2
D01IN1321
4682468
6
8
IOUTA
IOUTB
CLOCK
35
17
Start Up or Reset
+
OVER TEMPERATURE
IREF
(I1A+I2A) / n
I1A / n
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOSs OF
THE BRIDGE A
OUT1A
OUT2A
VSA
I1A
I2A
I2A / n
FROM THE
BRIDGE B
OCD
COMPARATOR
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN.
REN.EN
VDD
µC or LOGIC
D01IN1337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com