Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208N Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6208N
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208N Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6208N Datasheet HTML 15Page - STMicroelectronics L6208N Datasheet HTML 16Page - STMicroelectronics L6208N Datasheet HTML 17Page - STMicroelectronics L6208N Datasheet HTML 18Page - STMicroelectronics L6208N Datasheet HTML 19Page - STMicroelectronics L6208N Datasheet HTML 20Page - STMicroelectronics L6208N Datasheet HTML 21Page - STMicroelectronics L6208N Datasheet HTML 22Page - STMicroelectronics L6208N Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19/27
L6208
APPLICATION INFORMATION
A typical Bipolar Stepper Motor Driver application using L6208 is shown in Fig. 23. Typical component values
for the application are shown in Table 2. A high quality ceramic capacitor in the range of 100 to 200 nF should
be placed between the power pins (VSA and VSB) and ground near the L6208 to improve the high frequency
filtering on the power supply and reduce high frequency transients generated by the switching. The capacitor
connected from the EN input to ground sets the shut down time when an over current is detected (see Overcur-
rent Protection). The two current sensing inputs (SENSEA and SENSEB) should be connected to the sensing
resistors with a trace length as short as possible in the layout. The sense resistors should be non-inductive re-
sistors to minimize the di/dt transients across the resistor. To increase noise immunity, unused logic pins (except
EN) are best connected to 5V (High Logic Level) or GND (Low Logic Level) (see pin description). It is recom-
mended to keep Power Ground and Signal Ground separated on PCB.
Table 2. Component Values for Typical Application
Figure 23. Typical Application
C1
100µF
D1
1N4148
C2
100nF
D2
1N4148
CA
1nF
RA
39K
Ω
CB
1nF
RB
39K
Ω
CBOOT
220nF
REN
100K
Ω
CP
10nF
RP
100
Ω
CEN
5.6nF
RSENSEA
0.3
Ω
CREF
68nF
RSENSEB
0.3
Ω
M
OUT1A
VREFA
VREFB
CLOCK
1
5
21
18
19
8
16
OUT2A
GND
GND
GND
GND
RCA
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
24
VSB
VCP
VBOOT
CP
CBOOT
RP
D2
D1
C1
C2
SENSEA
RSENSEA
20
CW/CCW
CLOCK
CW/CCW
2
6
7
11
RESET
EN
CEN
REN
RESET
ENABLE
VREF = 0-1V
23
HALF/FULL
HALF/FULL
12
CONTROL
FAST/SLOW DECAY
13
14
4
17
3
15
22
SENSEB
RSENSEB
CA
RA
10
CREF
RCB
9
CB
RB
D01IN1341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com