Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6210
Description  DUAL SCHOTTKY DIODE BRIDGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 1 Page - STMicroelectronics

  L6210 Datasheet HTML 1Page - STMicroelectronics L6210 Datasheet HTML 2Page - STMicroelectronics L6210 Datasheet HTML 3Page - STMicroelectronics L6210 Datasheet HTML 4Page - STMicroelectronics L6210 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L6210
April 1993
DUAL SCHOTTKY DIODE BRIDGE
.
MONOLITHIC ARRAY OF EIGHT SCHOTTKY
DIODES
.
HIGH EFFICIENCY
.
4A PEAK CURRENT
.
LOW FORWARD VOLTAGE
.
FAST RECOVERY TIME
.
TWO SEPARATED DIODE BRIDGES
DESCRIPTION
The L6210is a monolithic IC containing eight Schot-
tky diodes arranged as two separated diode
bridges.
This diodes connection makes this device versatile
in many applications.
They are used particular in bipolar steppermotor ap-
plications, where high efficient operation, due to low
forward voltage drop and fast reverse recovery time,
are required.
The L6210 is available in a 16 Pin Powerdip Pack-
age (12 + 2 + 2) designed for the 0 to 70xC ambient
temperature range.
N
DIP16
(Plastic Package))
ORDERING NUMBER : L6210
PIN CONNECTION (top view)
1/5


Similar Part No. - L6210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
More results

Similar Description - L6210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
Dual Schottky Diode Bridge
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
DUAL SCHOTTKY DIODE
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
Dual Schottky Diode
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
Dual Schottky diode bridge
23-Apr-2008
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
Silicon Dual Schottky Diode
logo
Texas Instruments
UC1610 TI1-UC1610_12 Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
Dual Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com