Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6210 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6210
Description  DUAL SCHOTTKY DIODE BRIDGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 2 Page - STMicroelectronics

  L6210 Datasheet HTML 1Page - STMicroelectronics L6210 Datasheet HTML 2Page - STMicroelectronics L6210 Datasheet HTML 3Page - STMicroelectronics L6210 Datasheet HTML 4Page - STMicroelectronics L6210 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
If
Repetitive Forward Current Peak
2
A
Vr
Peak Reverse Voltage (per diode)
50
V
Tamb
Operating Ambient Temperature
70
oC
Tstg
Storage Temperature Range
–55 to +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Impedance Junction-case
Max.
14
oC/W
Rth j-amb
Thermal Impedance Junction-ambient without External Heatsink
Max.
65
oC/W
ELECTRICAL CHARACTERISTICS (Tj =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vf
Forward Voltage Drop
If = 100 mA
0.65
0.8
if = 500 mA
0.8
1
V
If = 1 A
1
1.2
IL
Leakage Current
VR =40 V, Tamb =25
oC1
mA
No te :
At forward currents of greater than 1A, a parasiti c current of approxim ately 10mA may be col lected by adi acent di-
odes.
L6210
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com