Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8610AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD8610AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8610AR Datasheet HTML 13Page - Analog Devices AD8610AR Datasheet HTML 14Page - Analog Devices AD8610AR Datasheet HTML 15Page - Analog Devices AD8610AR Datasheet HTML 16Page - Analog Devices AD8610AR Datasheet HTML 17Page - Analog Devices AD8610AR Datasheet HTML 18Page - Analog Devices AD8610AR Datasheet HTML 19Page - Analog Devices AD8610AR Datasheet HTML 20Page - Analog Devices AD8610AR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8610/AD8620
THD Readings vs. Common-Mode Voltage
Total harmonic distortion of the AD8610/AD8620 is well below
0.0006% with any load down to 600 Ω. The AD8610/AD8620
outperform the OPA627 for distortion, especially at frequencies
above 20 kHz.
0.1
Settling Time
The AD8610/AD8620 have a very fast settling time, even to a
very tight error band, as can be seen from Figure 60. The AD8610/
AD8620 are configured in an inverting gain of +1 with 2 kΩ input
and feedback resistors. The output is monitored with a 10 X,
10 MΩ, 11.2 pF scope probe.
10
100
1k
10k
80k
0.01
0.001
0.0001
OPA627
AD8610
VS = ±13V
VIN = 5V rms
BW = 80kHz
0.001
0.01
0.1
1
10
1.2k
1.0k
800
600
400
200
0
FREQUENCY (Hz)
ERROR BAND (%)
Figure 58. AD8610 vs. OPA627 THD + Noise @ VCM = 0 V
Figure 60. AD8610/AD8620 Settling Time vs. Error Band
0.1
FREQUENCY (Hz)
OPA627
0.001
0.01
0.1
1
10
ERROR BAND (%)
1.2k
1.0k
800
600
400
200
0
Figure 59. THD + Noise vs. Frequency
Figure 61. OPA627 Settling Time vs. Error Band
Noise vs. Common-Mode Voltage
AD8610/AD8620 noise density varies only 10% over the input
range as shown in Table 5.
Table 5. Noise vs. Common-Mode Voltage
10
100
1k
10k
20k
0.01
0.001
4V rms
6V rms
2V rms
VS = ±13V
RL = 600Ω
VCM at F = 1 kHz (V)
Noise Reading (nV/√Hz)
−10
7.21
−5
6.89
0
6.73
+5
6.41
+10
7.21
Rev. E | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com