Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8610AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD8610AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8610AR Datasheet HTML 16Page - Analog Devices AD8610AR Datasheet HTML 17Page - Analog Devices AD8610AR Datasheet HTML 18Page - Analog Devices AD8610AR Datasheet HTML 19Page - Analog Devices AD8610AR Datasheet HTML 20Page - Analog Devices AD8610AR Datasheet HTML 21Page - Analog Devices AD8610AR Datasheet HTML 22Page - Analog Devices AD8610AR Datasheet HTML 23Page - Analog Devices AD8610AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8610/AD8620
High Speed, Low Noise Differential Driver
The AD8620 is a perfect candidate as a low noise differential
driver for many popular ADCs. There are also other applica­
tions (such as balanced lines) that require differential drivers.
The circuit of Figure 70 is a unique line driver widely used in
industrial applications. With ±13 V supplies, the line driver can
deliver a differential signal of 23 V p-p into a 1 kΩ load. The
high slew rate and wide bandwidth of the AD8620 combine to
yield a full power bandwidth of 145 kHz while the low noise
front end produces a referred-to-input noise voltage spectral
density of 6 nV/√Hz. The design is a balanced transmission system
without transformers, where output common-mode rejection of
noise is of paramount importance. Like the transformer-based
design, either output can be shorted to ground for unbalanced
line driver applications without changing the circuit gain of 1.
This allows the design to be easily set to noninverting, invert­
ing, or differential operation.
VO1
VO2
3
2
V–
3
2
V–
V+
5
6
V+
1/2 AD8620
U2
AD8610
1/2 AD8620
U3
6
7
0
1
0
R3
1kΩ
R4
1kΩ
R13
1kΩ
R5
1kΩ
R6
10kΩ
R7
1kΩ
R1
1kΩ
R12
1kΩ
R2
1kΩ
R10
50Ω
R11
50Ω
R8
1kΩ
R9
1kΩ
VO2 – VO1 = VIN
V–
V+
Figure 70. Differential Driver
Rev. E | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com