Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6220 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6220
Description  QUAD DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6220 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6220 Datasheet HTML 4Page - STMicroelectronics L6220 Datasheet HTML 5Page - STMicroelectronics L6220 Datasheet HTML 6Page - STMicroelectronics L6220 Datasheet HTML 7Page - STMicroelectronics L6220 Datasheet HTML 8Page - STMicroelectronics L6220 Datasheet HTML 9Page - STMicroelectronics L6220 Datasheet HTML 10Page - STMicroelectronics L6220 Datasheet HTML 11Page - STMicroelectronics L6220 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure 18 : Allowed Peak Collector-current versus
Duty Cycle for 1, 2, 3 or 4 Contempo-
rary Working Outputs (L6220).
Figure 19 : Allowed Peak Collector Cur-rent ver-
sus Duty Cycle for 1, 2, 3 or 4 Con-
temporary Working Outputs
(L6220N).
APPLICATION INFORMATION
When inductive loads are driven by L6220/N, a
zener diode in series with the integral free-wheeling
diodes increases the voltage across which energy
stored in the load is discharged and therefore
speeds the current decay (Fig. 16). For reliability it
is suggested that the zener is chosen so that Vp +
Vz <35 V.
The reasons for this are two fold :
1) The zener voltage changes in temperature and
current.
2) The instantaneouspower must be limited to
avoid the reverse second breakdown.
The particular internal logic allows an easier full step
driving using only two input signals.
MOUNTING INSTRUCTION
The Rth j-amb of the L6220 can be reduced by solder-
ing the GND pins to a suitable copper area of the
printed circuit board (Fig. 20) or to an external
heatsink (Fig. 21).
The diagram of figure 22 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side ”
α” of two equal square copper areas hav-
ing a thickness of 35
µ (1.4 mils). During soldering
the pins temperature must not exceed 260
°C and
the soldering time must not be longer than 12 sec-
onds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
L6220 - L6220N
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com