Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6220 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6220
Description  QUAD DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6220 Datasheet(HTML) 4 Page - STMicroelectronics

  L6220 Datasheet HTML 1Page - STMicroelectronics L6220 Datasheet HTML 2Page - STMicroelectronics L6220 Datasheet HTML 3Page - STMicroelectronics L6220 Datasheet HTML 4Page - STMicroelectronics L6220 Datasheet HTML 5Page - STMicroelectronics L6220 Datasheet HTML 6Page - STMicroelectronics L6220 Datasheet HTML 7Page - STMicroelectronics L6220 Datasheet HTML 8Page - STMicroelectronics L6220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TEST CIRCUITS
(X) = Referred to Multiwatt package
X = Referred to Powerdip package
Figure 1 : Logic Supply Current.
Set V 1 = 4.5V, V 2 = 0.8V, V INH =4.5V or V 1 = 0.8V, V 2 = 4.5V, V INH = 0.8 for IS (all outputs off).
Set V 1 = 2V, V 2 = 0.8V, V INH = 0.8V for IS (all outputs on).
Figure 2 : Output Sustaining Voltage.
Figure 3 : Output Leakage Current.
L6220 - L6220N
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com