Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL7 Datasheet(PDF) 3 Page - Klein Tools, Inc.

Part # LL7
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL7 Datasheet(HTML) 3 Page - Klein Tools, Inc.

  LL7 Datasheet HTML 1Page - Klein Tools, Inc. LL7 Datasheet HTML 2Page - Klein Tools, Inc. LL7 Datasheet HTML 3Page - Klein Tools, Inc. LL7 Datasheet HTML 4Page - Klein Tools, Inc. LL7 Datasheet HTML 5Page - Klein Tools, Inc. LL7 Datasheet HTML 6Page - Klein Tools, Inc. LL7 Datasheet HTML 7Page - Klein Tools, Inc. LL7 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
T-Handle Hex-Keys - SAE
Includes core Journeyman™ T-handle hex-key features plus:
• Short blade-through handle provides maximum tool versatility
Cat. No.
Hex Size
Blade Length
Weight
4" Length
JTH4E06
3/32"
4" (101.6 mm)
0.05 oz (1.4 g)
JTH4E07
7/64"
4" (101.6 mm)
0.05 oz (1.4 g)
JTH4E08
1/8"
4" (101.6 mm)
0.05 oz (1.4 g)
JTH4E09
9/64"
4" (101.6 mm)
0.06 oz (1.7 g)
JTH4E10
5/32"
4" (101.6 mm)
0.11 oz (3.1 g)
JTH4E11
3/16"
4" (101.6 mm)
0.13 oz (3.7 g)
JTH4E12
7/32"
4" (101.6 mm)
0.14 oz (4.0 g)
JTH4E13
1/4"
4" (101.6 mm)
0.24 oz (6.8 g)
JTH4E14
5/16"
4" (101.6 mm)
0.30 oz (8.5 g)
JTH4E15
3/8"
4" (101.6 mm)
0.38 oz (10.8 g)
JTH4E17
1/2"
4" (101.6 mm)
0.59 oz (16.7 g)
6" Length
JTH6E06
3/32"
6" (152.4 mm)
0.05 oz (1.4 g)
JTH6E07
7/64"
6" (152.4 mm)
0.05 oz (1.4 g)
JTH6E08
1/8"
6" (152.4 mm)
0.05 oz (1.4 g)
JTH6E09
9/64"
6" (152.4 mm)
0.06 oz (1.7 g)
JTH6E10
5/32"
6" (152.4 mm)
0.11 oz (3.1 g)
JTH6E11
3/16"
6" (152.4 mm)
0.13 oz (3.7 g)
JTH6E12
7/32"
6" (152.4 mm)
0.14 oz (4.0 g)
JTH6E13
1/4"
6" (152.4 mm)
0.24 oz (6.8 g)
JTH6E14
5/16"
6" (152.4 mm)
0.30 oz (8.5 g)
JTH6E15
3/8"
6" (152.4 mm)
0.38 oz (10.8 g)
JTH6E17
1/2"
6" (152.4 mm)
0.59 oz (16.7 g)
9" Length
JTH9E06
3/32"
9" (228.6 mm)
0.05 oz (1.4 g)
JTH9E07
7/64"
9" (228.6 mm)
0.05 oz (1.4 g)
JTH9E08
1/8"
9" (228.6 mm)
0.06 oz (1.7 g)
JTH9E09
9/64"
9" (228.6 mm)
0.06 oz (1.7 g)
JTH9E10
5/32"
9" (228.6 mm)
0.11 oz (3.1 g)
JTH9E11
3/16"
9" (228.6 mm)
0.14 oz (4.0 g)
JTH9E12
7/32"
9" (228.6 mm)
0.18 oz (5.1 g)
JTH9E13
1/4"
9" (228.6 mm)
0.27 oz (7.7 g)
JTH9E14
5/16"
9" (228.6 mm)
0.35 oz (9.9 g)
JTH9E15
3/8"
9" (228.6 mm)
0.45 oz (12.8 g)
JTH9E17
1/2"
9" (228.6 mm)
0.70 oz (19.8 g)
JTH6E15
Cat. No.
Set Contains
Weight
JTH410E
T-Handle Set with Stand, SAE, 4" Blade 10 Pc
2.7 lb (1.2 kg)
Cat. No.
Hex Size
Blade Length
JTH4E06
3/32"
4" (101.6 mm)
JTH4E07
7/64"
4" (101.6 mm)
JTH4E08
1/8"
4" (101.6 mm)
JTH4E09
9/64"
4" (101.6 mm)
JTH4E10
5/32"
4" (101.6 mm)
JTH4E11
3/16"
4" (101.6 mm)
JTH4E12
7/32"
4" (101.6 mm)
JTH4E13
1/4"
4" (101.6 mm)
JTH4E14
5/16"
4" (101.6 mm)
JTH4E15
3/8"
4" (101.6 mm)
Cat. No.
Set Contains
Weight
JTH610E
T-Handle Set with Stand, SAE, 6" Blade 10 Pc
2.7 lb (1.2 kg)
Cat. No.
Hex Size
Blade Length
JTH6E06
3/32"
6" (152.4 mm)
JTH6E07
7/64"
6" (152.4 mm)
JTH6E08
1/8"
6" (152.4 mm)
JTH6E09
9/64"
6" (152.4 mm)
JTH6E10
5/32"
6" (152.4 mm)
JTH6E11
3/16"
6" (152.4 mm)
JTH6E12
7/32"
6" (152.4 mm)
JTH6E13
1/4"
6" (152.4 mm)
JTH6E14
5/16"
6" (152.4 mm)
JTH6E15
3/8"
6" (152.4 mm)
Cat. No.
Set Contains
Weight
JTH910E
T-Handle Set with Stand, SAE, 9" Blade 10 Pc
3.6 lb (1.6 kg)
Cat. No.
Hex Size
Blade Length
JTH9E06
3/32"
9" (228.6 mm)
JTH9E07
7/64"
9" (228.6 mm)
JTH9E08
1/8"
9" (228.6 mm)
JTH9E09
9/64"
9" (228.6 mm)
JTH9E10
5/32"
9" (228.6 mm)
JTH9E11
3/16"
9" (228.6 mm)
JTH9E12
7/32"
9" (228.6 mm)
JTH9E13
1/4"
9" (228.6 mm)
JTH9E14
5/16"
9" (228.6 mm)
JTH9E15
3/8"
9" (228.6 mm)
T-Handle Hex-Key
Sets with Stand -
SAE
Includes core Journeyman™
T-handle hex-key features plus:
• Metal stand for convenient
mounting on bench or wall
• Short blade-through handle
provides maximum tool versatility
JTH610E
T-Handle Hex-Keys
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
91



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com