Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL7 Datasheet(PDF) 5 Page - Klein Tools, Inc.

Part # LL7
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL7 Datasheet(HTML) 5 Page - Klein Tools, Inc.

  LL7 Datasheet HTML 1Page - Klein Tools, Inc. LL7 Datasheet HTML 2Page - Klein Tools, Inc. LL7 Datasheet HTML 3Page - Klein Tools, Inc. LL7 Datasheet HTML 4Page - Klein Tools, Inc. LL7 Datasheet HTML 5Page - Klein Tools, Inc. LL7 Datasheet HTML 6Page - Klein Tools, Inc. LL7 Datasheet HTML 7Page - Klein Tools, Inc. LL7 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T-Handle Hex-Key Sets with Stand - Metric
Includes core Journeyman™ T-handle hex-key features plus:
• Metal stand for convenient mounting on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH68M
Cat. No.
Set Contains
Weight
JTH68M
6" Metric Journeyman T-Handle Set 8 Pc
1.8 lb (0.8 kg)
Cat. No.
Hex Size
Blade Length
JTH6M2
2 mm
6" (152.4 mm)
JTH6M25
2.5 mm
6" (152.4 mm)
JTH6M3
3 mm
6" (152.4 mm)
JTH6M4
4 mm
6" (152.4 mm)
JTH6M5
5 mm
6" (152.4 mm)
JTH6M6
6 mm
6" (152.4 mm)
JTH6M8
8 mm
6" (152.4 mm)
JTH6M10
10 mm
6" (152.4 mm)
Cat. No.
Set Contains
Weight
JTH98M
9" Metric Journeyman T-Handle Set 8 Pc
2.1 lb (1.0 kg)
Cat. No.
Hex Size
Blade Length
JTH9M2
2 mm
9" (228.6 mm)
JTH9M25
2.5 mm
9" (228.6 mm)
JTH9M3
3 mm
9" (228.6 mm)
JTH9M4
4 mm
9" (228.6 mm)
JTH9M5
5 mm
9" (228.6 mm)
JTH9M6
6 mm
9" (228.6 mm)
JTH9M8
8 mm
9" (228.6 mm)
JTH9M10
10 mm
9" (228.6 mm)
T-Handle Hex-Keys - TORX®
Includes core features plus:
• Short blade-through handle provides maximum tool versatility
JTH6T40
Cat. No.
Hex Size
Blade Length
Weight
JTH6T10
T10
6" (152.4 mm)
0.80 oz (22.7 g)
JTH6T15
T15
6" (152.4 mm)
1.0 oz (28 g)
JTH6T20
T20
6" (152.4 mm)
1.1 oz (31 g)
JTH6T25
T25
6" (152.4 mm)
0.13 lb (0.06 kg)
JTH6T27
T27
6" (152.4 mm)
0.16 lb (0.07 kg)
JTH6T30
T30
6" (152.4 mm)
0.18 lb (0.08 kg)
JTH6T40
T40
6" (152.4 mm)
0.29 lb (0.13 kg)
TORX® is a trademark of Acument Intellectual Properties, LLC.
T-Handle Hex-Key Set with Stand - TORX®
Includes core features plus:
• Metal stand for convenient mounting on bench or wall
• Short blade-through handle provides maximum tool versatility
JTH67T
Cat. No.
Set Contains
Weight
JTH67T
6" Torx® T-Handle Set with Stand 7 Pc
1.3 lb (0.6 kg)
Cat. No.
Hex Size
Blade Length
JTH6T10
T10
6" (152.4 mm)
JTH6T15
T15
6" (152.4 mm)
JTH6T20
T20
6" (152.4 mm)
JTH6T25
T25
6" (152.4 mm)
JTH6T27
T27
6" (152.4 mm)
JTH6T30
T30
6" (152.4 mm)
JTH6T40
T40
6" (152.4 mm)
TORX® is a trademark of Acument Intellectual Properties, LLC.
T-Handle Hex-Keys
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
93



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com