Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6220N Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6220N
Description  QUAD DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6220N Datasheet(HTML) 3 Page - STMicroelectronics

  L6220N Datasheet HTML 1Page - STMicroelectronics L6220N Datasheet HTML 2Page - STMicroelectronics L6220N Datasheet HTML 3Page - STMicroelectronics L6220N Datasheet HTML 4Page - STMicroelectronics L6220N Datasheet HTML 5Page - STMicroelectronics L6220N Datasheet HTML 6Page - STMicroelectronics L6220N Datasheet HTML 7Page - STMicroelectronics L6220N Datasheet HTML 8Page - STMicroelectronics L6220N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
THERMAL DATA
Symbol
Parameter
Powerdip
Multiwatt–15
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max.
14
-
oC/W
Rth j-case
Thermal Resistance Junction-case
Max.
-
3
oC/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
35
oC/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vo
Ouput Voltage
50
V
Vs
Logic Supply Voltage
7
V
VIN,VINH
Input Voltage, Inhibit Voltage
Vs
IC
Continuous Collector Current (for each channel)
1.8
A
IC
Collector Peak Current (repetitive, duty cycle = 10 % ton = 5 ms)
2.5
A
IC
Collector Peak Current (non repetitive, t = 10
µs)
3.2
A
Top
Operating Temperature Range (junction)
– 40 to + 150
°C
Tstg
Storage Temperature Range
– 55 to + 150
°C
Isub
Output Substrate Current
350
mA
Ptot
Total Power Dissipation
at Tpins
=90
oC (Powerdip)
at Tcase =90
oC (Multiwatt)
at Tamb =70
oC (Powerdip)
at Tamb =70
oC (Multiwatt)
4.3
20
1
2.3
W
W
W
W
ELECTRICAL CHARACTERISTICS
Refer to the test circuits Fig. 1 to Fig.9 (VS = 5V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Logic Supply Voltage
4.5
5.5
V
Is
Logic Supply Current
All Outputs ON, IC = 0.7A
All Outputs OFF
20
20
mA
MA
VCE (sus)
Output Sustaining Voltage
IC =100mA, VINH =VINHH46
V
ICEX
Output Leakage Current
VCE = 50V, VIN 1.4 =VINHH1
mA
VCE (sat)
Collector Emitter Saturation Voltage
(one output on ; all others off.)
Vs = 4.5V, VIN 2.3 =VINL
VINH =VINHL
IC = 0.6A
IC =1A
IC = 1.8A
1
1.2
1.6
V
VINL,
VINHL
Input Low Voltage
0.8
V
IINL, IINHL
Input Low Current
VIN =VINL, VINH =VINHL
- 100
µA
VINH,
VINHH
Input High Voltage
2.0
V
IINH, IINHH
Input High Current
VIN =VINH, VINH =VINHH
± 10
µA
IR
Clamp Diode Leakage Current
VR = 50V, VINH =VINHH
100
µA
VF
Clamp Diode Forward Voltage
IF =1A
IF = 1.8A
1.6
2.0
V
V
td (on)
Turn on Delay Time
Vp = 5V, RL =10
Ω
2
µs
td (off)
Turn off Delay Time
Vp = 5V, RL =10
Ω
5
µs
∆ Is
Logic Supply Current Variation
VIN = 5V, VEN =5V
Iout = – 300mA for each Channel
120
mA
L6220 - L6220N
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com