Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6220N Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6220N
Description  QUAD DARLINGTON SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6220N Datasheet(HTML) 1 Page - STMicroelectronics

  L6220N Datasheet HTML 1Page - STMicroelectronics L6220N Datasheet HTML 2Page - STMicroelectronics L6220N Datasheet HTML 3Page - STMicroelectronics L6220N Datasheet HTML 4Page - STMicroelectronics L6220N Datasheet HTML 5Page - STMicroelectronics L6220N Datasheet HTML 6Page - STMicroelectronics L6220N Datasheet HTML 7Page - STMicroelectronics L6220N Datasheet HTML 8Page - STMicroelectronics L6220N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L6220
L6220N
April 1993
QUAD DARLINGTON SWITCHES
.
TWO NON INVERTING + TWO INVERTING IN-
PUTS WITH INHIBIT
.
OUTPUT VOLTAGE UP TO 50V
.
OUTPUT CURRENT UP TO 1.8A
.
VERY LOW SATURATION VOLTAGE
.
TTL COMPATIBLE INPUTS
.
INTEGRAL FAST RECIRCULATION DIODES
DESCRIPTION
The L6220 monolithic quad darlington switch is de-
signed for high current, high voltage switching appli-
cations. Each of the four switches is controlled by a
logic input and all four are controlled by a common
inhibit input. All inputs are TTL-compatible for direct
connection to logic circuits.
Each switch consists of an open-collector darlington
transistor plus a fast diode for switching applications
with inductive loads. The emitters of the four
switches are commoned. Any number of inputs and
outputs of the same device may be paralleled.
Two versions are available : the L6220 mounted in
a Powerdip 12 + 2 + 2 package and the L6220N
mounted in a 15-lead Multiwatt package.
Multiwatt 15
(Plastic Package)
ORDERING NUMBER : L6220N
Powerdip 12 + 2 + 2
(Plastic Package)
ORDERING NUMBER : L6220
PIN CONNECTIONS (top views)
L6220 (Powerdip)
L6220N (Multiwatt-15)
1/12


Similar Part No. - L6220N

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L622 CRYDOM-L622 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L622-DBC ETC2-L622-DBC Datasheet
173Kb / 1P
L series PRTDs, type L 622 DBC are designed for large volume applications where longterm stability
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
logo
Skyworks Solutions Inc.
L62215CT-ND SKYWORKS-L62215CT-ND Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
logo
STMicroelectronics
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
More results

Similar Description - L6220N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
QUAD 1.5 A DARLINGTON SWITCHES
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
QUAD HIGH-CURRENT DARLINGTON SWITCHES
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
80 V - 1.5 A QUAD DARLINGTON SWITCHES
Sep-2003
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Sep-2003
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
1.5A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
50 V - 1.5 A quad Darlington switches
22-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com