Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6221C
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221C Datasheet(HTML) 1 Page - STMicroelectronics

  L6221C Datasheet HTML 1Page - STMicroelectronics L6221C Datasheet HTML 2Page - STMicroelectronics L6221C Datasheet HTML 3Page - STMicroelectronics L6221C Datasheet HTML 4Page - STMicroelectronics L6221C Datasheet HTML 5Page - STMicroelectronics L6221C Datasheet HTML 6Page - STMicroelectronics L6221C Datasheet HTML 7Page - STMicroelectronics L6221C Datasheet HTML 8Page - STMicroelectronics L6221C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L6221C
L6221CN/CD
May 1997
QUAD DARLINGTON SWITCH
.
FOUR NON INVERTING INPUTS WITH
ENABLE
.
OUTPUT VOLTAGE UP TO 60 V
.
OUTPUT CURRENT UP TO 1.8 A
.
VERY LOW SATURATION VOLTAGE
.
TTL COMPATIBLE INPUTS
.
INTEGRAL FAST RECIRCULATION DIODES
DESCRIPTION
The L6221 monolithic quad darlington switch is de-
signedfor high current, high voltage switching appli-
cations. Each of the four switches is controlled by a
logic input and all four are controlled by a common
enableinput.All inputsare TTL-compatiblefor direct
connection to logic circuits.
Eachswitch consists of an open-collectordarlington
transistorplus a fast diodefor switchingapplications
with inductivedevice loads. The emitters of the four-
switches are commoned. Any numberof inputs and
outputs of the same device may be paralleled.
Three versions are available : the L6221C mounted
in a Powerdip 12 + 2 + 2 package and the L6221CN
mounted in a 15--lead Multiwatt package, the
L6221CD in SO16+2+2 package.
Multiwatt 15
SO16 + 2 + 2
ORDERING NUMBERS :L6221C
(Powerdip 12+2+2)
L6221CN (Multiwatt 15 )
L6221CD (SO16+2+2)
BLOCK DIAGRAM
Powerdip 12 + 2 + 2
1/15


Similar Part No. - L6221C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221CD STMICROELECTRONICS-L6221CD Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
L6221CN STMICROELECTRONICS-L6221CN Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
More results

Similar Description - L6221C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
2A QUAD DARLINGTON SWITCH
Oct-1991
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jun-2003
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com