Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221C Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6221C
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221C Datasheet(HTML) 4 Page - STMicroelectronics

  L6221C Datasheet HTML 1Page - STMicroelectronics L6221C Datasheet HTML 2Page - STMicroelectronics L6221C Datasheet HTML 3Page - STMicroelectronics L6221C Datasheet HTML 4Page - STMicroelectronics L6221C Datasheet HTML 5Page - STMicroelectronics L6221C Datasheet HTML 6Page - STMicroelectronics L6221C Datasheet HTML 7Page - STMicroelectronics L6221C Datasheet HTML 8Page - STMicroelectronics L6221C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS Refer to The Test Circuit to Fig.1 to Fig.9 (VS = 5V, Tamb =25
°C unless
otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Logic Supply Voltage
4.5
5.5
V
IS
Logic Supply Current
All outputs ON
IC = 0.7A
All outputs OFF
20
20
mA
mA
ICEX
Output Leakage Current
VCE = 60V VEN =VENH
VIN =VINL
1mA
VCE(sat)
Collector Emitter Saturation Voltage
(one input on; all others inputs off).
VS = 4.5V
VIN =VINH
VEN =VENH
IC =1A
(*) IC =2A
1.4
1.85
V
V
VINL, VENL
Input Low Voltage
0.8
V
IINL, IENL
Input Low Current
VIN =VINLVEN =VENL
-100
µA
VINH, VENH Input High Voltage
2
V
IINH, IENH
Input High Current
VIN =VINHVEN =VENH
100
µA
IR
Clamp Diode Leakage Current
VR = 60V VEN =VENH
VIN =VINL
100
µA
VF
Clamp Diode Forward Voltage
IF =1A
IF = 2A (*)
1.8
2.2
V
V
td(on)
Turn on Delay Time
VP =5V RL =10
Ω
2ms
td(off)
Turn off Delay Time
VP =5V RL =10
Ω
5
µs
∆IS
Logic Supply Current Variation
VIN =5V VEN =5V
Iout = -500mA for Each
Channel
150
mA
(*) Only for L6221C - L6221CN types
L6221C-L6221CN-L6221CD
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com