Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 30Page - National Semiconductor (TI) LM1237 Datasheet HTML 31Page - National Semiconductor (TI) LM1237 Datasheet HTML 32Page - National Semiconductor (TI) LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) LM1237 Datasheet HTML 37Page - National Semiconductor (TI) LM1237 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Control Register Definitions (Continued)
Register Names (addresses): ROMSIGDATAB1 (0x840F) and ROMSIGDATAB0 (0x840E)
15
14
13
12
11
10
987654321
0
CRC15 CRC14 CRC13 CRC12 CRC11 CRC10 CRC9 CRC8 CRC7 CRC6 CRC5 CRC4 CRC3 CRC2 CRC1 CRC0
Bits 15–0
This is the checksum of the 256 ROM characters truncated to 16 bits (modulo 65535). All devices with the
same masked ROM will have the same checksum.
Display Window 1 Horizontal Start Location Register
Register Name (address): HSTRT1 (0x8410)
7
6
5
4
321
0
1H7
1H6
1H5
1H4
1H3
1H2
1H1
1H0
Bits 7–0
There are two possible OSD windows which can be displayed simultaneously or individually. This register
determines the horizontal start position of Window 1 in OSD pixels (not video signal pixels). The actual
position, to the right of the horizontal flyback pulse, is determined by multiplying this register value by 4 and
adding 30. Due to pipeline delays, the first usable start location is approximately 42 OSD pixels following the
horizontal flyback time. For this reason, we recommend this register be programmed with a number larger
than 2, otherwise improper operation may result.
Display Window 1 Vertical Start Location Register
Register Name (address): VSTRT1 (0x8411)
7
6
5
4
321
0
1V7
1V6
1V5
1V4
1V3
1V2
1V1
1V0
Bits 7–0
This register determines the Vertical start position of the Window 1 in constant-height character lines (not
video scan lines). The actual position is determined by multiplying this register value by 2. (Note: each
character line is treated as a single auto-height character pixel line, so multiple scan lines may actually be
displayed in order to maintain accurate position relative to the OSD character cell size. See the Constant
Character Height Mechanism section.) This register should be set so the entire OSD window is within the
active video.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com