Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1237 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) LM1237 Datasheet HTML 37Page - National Semiconductor (TI) LM1237 Datasheet HTML 38Page - National Semiconductor (TI) LM1237 Datasheet HTML 39Page - National Semiconductor (TI) LM1237 Datasheet HTML 40Page - National Semiconductor (TI) LM1237 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Pre-Amplifier Interface Registers (Continued)
Bits 7–0
This register determines the output of DAC 2. The full-scale output is determined by bit 5 of the DAC
Config, OSD Contrast & DC Offset Register.
DAC 3 REGISTER
Register Name (address): DAC3CTRL (0x8436)
7
654321
0
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
Bits 7–0
This register determines the output of DAC 3. The full-scale output is determined by bit 5 of the DAC
Config, OSD Contrast & DC Offset Register.
DAC 4 REGISTER
Register Name (address): DAC4CTRL (0x8437)
7
654321
0
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
Bits 7–0
This register determines the output of DAC 4. The output of this DAC can be scaled and mixed with the
outputs of DACs 1–3 as determined by bit 6 of the DAC Config, OSD Contrast & DC Offset Register.
DAC CONFIG, OSD CONTRAST & DC OFFSET REGISTER
Register Name (address): DACOSDDCOFF (0x8438)
7
654321
0
RSV
DCF1
DCF0
OSD1
OSD0
DC2
DC1
DC0
Bits 2–0
These determine the DC offset of the three video outputs, blue, red and green.
Bits 4–3
These determine the contrast of the internally generated OSD.
Bit 5
When this bit is a 0, the full-scale outputs of DACs 1–3 are 4.5V. When it is a 1 the full-scale level is
2.5V.
Bit 6
When this bit is a 0, the DAC 4 output is independent. When it is a 1, the DAC 4 output is scaled by
50% and added to the outputs of DACs 1–3.
Bit 7
Reserved and should be set to zero.
GLOBAL VIDEO CONTROL REGISTER
Register Name (address): GLOBALCTRL (0x8439)
7
654321
0
RSV
RSV
RSV
RSV
RSV
RSV
PS
BV
Bit 0
When this bit is a 1, the video outputs are blanked (set to black level). When it is a 0, video is not
blanked.
Bit 1
When this bit is a 1, the analog sections of the preamplifier are shut down for low power consumption.
When it is a 0, the analog sections are enabled.
PLL RANGE REGISTER
Register Name (address): PLLFREQRNG (0x843E)
7
654321
0
RSV
RSV
CLMP
RSV
OOR
VBL
PFR1
PFR0
Bits 1–0
These determine the optimum frequency range of the Phase Locked Loop. Please see Table 3. OSD
Register recommendations for recommended register values for various horizontal scan rates.
Bit 2
This is the Vertical Blanking register. When this bit is a 1, vertical blanking is gated to the video outputs.
When set to a 0, the video outputs do not have vertical blanking.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com