Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 9Page - STMicroelectronics L6226 Datasheet HTML 10Page - STMicroelectronics L6226 Datasheet HTML 11Page - STMicroelectronics L6226 Datasheet HTML 12Page - STMicroelectronics L6226 Datasheet HTML 13Page - STMicroelectronics L6226 Datasheet HTML 14Page - STMicroelectronics L6226 Datasheet HTML 15Page - STMicroelectronics L6226 Datasheet HTML 16Page - STMicroelectronics L6226 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
L6226
APPLICATION INFORMATION
A typical application using L6226 is shown in Fig. 12. Typical component values for the application are shown
in Table 2. A high quality ceramic capacitor in the range of 100 to 200 nF should be placed between the power
pins (VSA and VSB) and ground near the L6226 to improve the high frequency filtering on the power supply and
reduce high frequency transients generated by the switching. The capacitors connected from the ENA/OCDA
and ENB/OCDB nodes to ground set the shut down time for the Brgidge A and Bridge B respectively when an
over current is detected (see Overcurrent Protection). The two current sources (SENSEA and SENSEB) should
be connected to Power Ground with a trace length as short as possible in the layout. To increase noise immu-
nity, unused logic pins are best connected to 5V (High Logic Level) or GND (Low Logic Level) (see pin descrip-
tion). It is recommended to keep Power Ground and Signal Ground separated on PCB.
Table 2. Component Values for Typical Application
Figure 12. Typical Application
C1
100uF
D1
1N4148
C2
100nF
D2
1N4148
CBOOT
220nF
RCLA
5K
Ω
CP
10nF
RCLB
5K
Ω
CENA
5.6nF
RENA
100k
Ω
CENB
5.6nF
RENB
100k
Ω
CREF
68nF
RP
100
Ω
CP
CBOOT
RP
D2
D1
C2
OUT1A
LOADA
LOADB
OCDA
OCDB
1
5
21
18
19
8
16
OUT2A
GND
GND
GND
GND
PROGCLA
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
4
VSB
VCP
VBOOT
C1
SENSEA
20
IN1A
IN2A
IN1A
IN2A
2
6
7
9
ENA
ENB
CENB
RENB
RENA
ENA
ENB
23
IN2B
12
IN1B
IN2B
IN1B
11
14
24
17
3
15
22
SENSEB
RCLA
10
CENA
PROGCLB
13
RCLB
D02IN1344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com