Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6226 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6226
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6226 Datasheet HTML 12Page - STMicroelectronics L6226 Datasheet HTML 13Page - STMicroelectronics L6226 Datasheet HTML 14Page - STMicroelectronics L6226 Datasheet HTML 15Page - STMicroelectronics L6226 Datasheet HTML 16Page - STMicroelectronics L6226 Datasheet HTML 17Page - STMicroelectronics L6226 Datasheet HTML 18Page - STMicroelectronics L6226 Datasheet HTML 19Page - STMicroelectronics L6226 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
L6226
16/22
It is also possible to parallel the four Half Bridges to obtain a simple Half Bridge as shown in Fig. 15. In this
configuration the, the over current threshold is equal to twice the minimum threshold set by the resistors RCLA
or RCLB in Figure 15. It is recommended to use RCLA = RCLB.
The resulting half bridge has the following characteristics.
- Equivalent Device: HALF BRIDGE
- RDS(ON) 0.18Ω Typ. Value @ TJ = 25°C
- 2.8A max RMS Load Current
- 5.6A max OCD Threshold
Figure 15. Paralleling the four Half Bridges
CP
CBOOT
RP
D2
D1
C2
OUT1A
LOAD
OCDA
OCDB
1
5
21
18
19
8
16
OUT2A
GND
GND
GND
GND
PROGCLA
OUT2B
OUT1B
VSA
POWER
GROUND
SIGNAL
GROUND
+
-
VS
8-52VDC
4
VSB
VCP
VBOOT
C1
SENSEA
20
IN
IN1A
IN2A
2
6
7
9
ENA
ENB
CEN
REN
EN
23
IN2B
12
IN1B
11
14
24
17
3
15
22
SENSEB
RCLA
10
PROGCLB
13
RCLB
D02IN1365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com