Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3MB Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3MB
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3MB Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS3MB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3MB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
RS3DB RS3GB RS3JB RS3KB
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRWS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forword rectified current at
c TL=90
OC
IF(AV)
Peak forward surge current @ TL = 110°C 8.3ms
c single half-sine-wave superimposed on rated
c load
IFSM
A
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current
@TA=25
oC
at rated DC blockjing voltage
@TA=125
oC
Maximum reverse recovery time (NOTE 1)
trr
250
ns
Typical junction capacitance (NOTE 2)
CJ
pF
Operating junction and storage temperature range
TJTSTG
oC
GALAXY ELECTRICAL
32
1000
700
100
150
100.0
Low profile package
RS3AB
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Glass passivated chip junction
35
oC/W
RS3BB
High temperature soldering:
111 250
oC/10 seconds at terminals
3.0
70
500
Plastic package has underwriters laborator
111
flammability classification 94V-0
DO - 214AA(SMB)
Typical thermal resitance (NOTE 3)
3. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm
2)copper pad areas
RS3MB
For surface mounted applications
UNITS
50
100
NOTE: 1.Reverse recoverytime test conditions:IF=0.5A,IR=1.0A,Irr=0.25A
RS3AB---RS3MB
2. Measured at 1.0MHzand applied reverse voltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 3.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIER
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
50
100
200.0
1.30
-55--------+150
5.0
IR
www.galaxycn.com
BL
Document Number 0280034
BLGALAXY ELECTRICAL
1.
A
inch(mm)
R
JA
40.0


Similar Part No. - RS3MB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3MB DIODES-RS3MB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Daya Electric Group Co....
RS3MB DAYA-RS3MB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3MB LUGUANG-RS3MB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3MB TAYCHIPST-RS3MB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3MB DIODES-RS3MB Datasheet
121Kb / 4P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 11
More results

Similar Description - RS3MB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com