Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3MB Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS3MB
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS3MB Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  RS3MB Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS3MB Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLGALAXY ELECTRICAL
Document Number 0280034
2.
www.galaxycn.com
2.0
1.0
0
50
Resistive or inductive Load
P.C.B.MOUNTED ON
0.27''X0.27''(7.0X7.0mm)
COPPERPAND AREAS
3.0
60 70 80
90 100 110 120 130 140 150 160
1
1 0
1 00
TL=100 C
8.3ms Single Half Sine-Wave
(JEDEC Method)
O
100
80
60
40
20
0
0.4
0.01
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
TJ=25 C
O
Puise Width=300 S
1%DUTY CYCLE
1.8
20
20
0
0.1
40
1
TJ=25 C
60
80
100
0
10
100
TJ=125 C
0
10
1
1000
.1
100
TJ=25 C
f=1.0MHZ
Vsig=50mVp-p
0
20
30
40
60
REVERSE VOLTAGE,VOLTS
LEAD TEMPERATURE
NUMBER OF CYCLES AT60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
FIG.5-TYPICAL JUNCTION CAPACITANCE
RATINGSANDCHARACTERISTICCURVES
RS3AB---RS3MB
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 PEAK FORWARD SURGE CURRENT
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com