Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6232E Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6232E
Description  SPINDLE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6232E Datasheet(HTML) 3 Page - STMicroelectronics

  L6232E Datasheet HTML 1Page - STMicroelectronics L6232E Datasheet HTML 2Page - STMicroelectronics L6232E Datasheet HTML 3Page - STMicroelectronics L6232E Datasheet HTML 4Page - STMicroelectronics L6232E Datasheet HTML 5Page - STMicroelectronics L6232E Datasheet HTML 6Page - STMicroelectronics L6232E Datasheet HTML 7Page - STMicroelectronics L6232E Datasheet HTML 8Page - STMicroelectronics L6232E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pin
Rth j-amb
Thermal Resistance Junction-pins
Thermal Resistance Junction-ambient (**)
Max.
Max.
14
52
°C/W
°C/W
Notes
(*) Pulse width (limited only by junction temperature and by the transient thermal resistance.
(**) Mounted on board with 16cm
2 35
µm thickness copper area on board heatsink.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS sus
Peak Output Sustaining Voltage
15
V
VS
Supply Voltage
15
V
VOpeak
Output Peak Voltage (tpK =5
µsec; 10% d.c.)
18
V
VCp
Charge Pump Input Voltage
30
V
Vi
Logic Input Voltage
-0.3 to 7
V
VREF
PWM VREF--LIN VREF Input Voltage
-0.3 to 7
V
Vis
Sense Input Voltage
-1 to 7
V
Ip
Sink-Source Peak Output Current (*)
3.5
A
IO
Sink-Source DC Output Current
1.8
A
Ptot
Total Power Dissipation (Tamb =70
°C)
1.5
W
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
ELECTRICAL CHARACTERISTICS (See the block diagram, VS =12V, R = 100K
Ω; C = 180pF;
Tj =25
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
10.5
12
13.5
V
IS
Quiescent Supply Current
BRK = L; INUA = INUB = INUC
= L; INLA = INLB = INLC = H;
Table 1
0.3
0.5
mA
BRK = H; INUA = INUB = INUC
= H; INLA = INLB = INLC = L;
Table 1
46
mA
IOL
Output Leakage Current
VO =VS = 13.5V
1
mA
RDSon
Sink Out ON Resistance
Tj =25
°C (see Fig.4)
0.42
0.47
Ω
Tj = 125
°C
0.7
Ω
RDSon
Source Out ON Resistance
Tj =25
°C (see Fig.4)
0.42
0.47
Ω
Tj = 125
°C
0.7
Ω
VF
Body Diode Forward Drop (sink
and source)
IDS = 1A (see Fig. 6)
1
1.5
V
td(BRK)
Brake Delay Time
See Fig. 1, 3; note1
210
ms
TBRK
Braking Time
10
s
IB(LIN)
LIN Vref Input Bias Current
LIN Vref = 0.4 to 5.5V
400
950
nA
IB(PWM)
PWM Vref Input Bias Current
PWM Vref = 0.4 to 5.5V
400
950
nA
LIN Vref
Reference Voltage Input
Note 2; RS = 0.5
Ω
Imotor (PWM) = 1A
Imotor (LIN) = 200mA
2V
PWM Vref
0.4
V
Gv
Sense Amplifier Voltage Gain
PWM Vref = 2.5V,
LIN Vref = 0.4V,
RS = 0.5
Ω; Note 2
3.7
4
4.3
V/V
L6232E
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com