Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6232E Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6232E
Description  SPINDLE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6232E Datasheet(HTML) 4 Page - STMicroelectronics

  L6232E Datasheet HTML 1Page - STMicroelectronics L6232E Datasheet HTML 2Page - STMicroelectronics L6232E Datasheet HTML 3Page - STMicroelectronics L6232E Datasheet HTML 4Page - STMicroelectronics L6232E Datasheet HTML 5Page - STMicroelectronics L6232E Datasheet HTML 6Page - STMicroelectronics L6232E Datasheet HTML 7Page - STMicroelectronics L6232E Datasheet HTML 8Page - STMicroelectronics L6232E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Gm
LIN Error Amplifier
Transconductance
0.8
mA/V
Zout
Error Amplifier Output
Impedance
2M
Ω
VINH
Logic Input Voltage BRK; INUA;
INUB; INUC; INLA; INLB; INLC
2V
VINL
0.8
V
IINH(leak)
Logic Input Current BRK; INUA;
INUB; INUC; INLA; INLB; INLC
Vi = 2.7V
-1
mA
IINL
Vi = 0.4V
-0.1
mA
tdonU
Upper/Lower Turn-on Delay
Table 1
see Fig. 3
0.7
µs
tdonL
0.15
µs
tdoffU
Upper/Lower Turn-off Delay
15
µs
tdoffL
0.5
µs
dV/dt
Source DMOS Slew-Rate
(PWM)
see Fig. 3
10
V/
µs
dV/dt
Source DMOS Slew-Rate (LIN)
see Fig. 3
1
V/
µs
dV/dt
Sink DMOS Output Turn-off
Slew-Rate
Note 3; R = 100K
Ω
0.15
V/
µs
FC
Internal Clock Frequency
380
KHz
Toff
PWM Cutoff Time
R=100K
Ω; C=180pF, Note 4;
see Fig. 2
40
µs
Tsd
Shutdown Temperature
160
°C
Tsdr
Recovery Temperature
120
°C
Notes:
1) The Head Park time must be shorter than the Brake Delay time td(BRK) =RdCd
2) Both in PWM and in LIN mode the Ref. Voltage must agree to Vref=GV RS Imotor
3) The resistance of the RC network defines the dv/dt value.
4) toff = 1.8RC + 6
⋅ 10-6
ELECTRICAL CHARACTERISTICS (continued)
Table 1
INPUT STATE
OUTPUT STATE
INUA
INUB
INUC
INLA
INLB
INLC
A
B
C
LLL
H
H
H*
*
*
LLL
LL
L
H
H
H
HHH
L
L
L
*
*
*
HHH
HH
H
L
L
L
H = The Upper DMOS is ON
L = The Lower DMOS is ON
* = Tristate condition
L6232E
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com