Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21PN-059 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  HDB36-24-21PN-059 Datasheet HTML 1Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 2Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 3Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 4Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 5Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 6Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 7Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 8Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 4
PERFORMANCE SPECIFICATIONS
AMPSEAL 16 CONNECTORS
Current:
Up to 13 amps
Temperature:
Operating at temperatures -40°C to +125°C
Durability:
50 cycles. See note.
Insulation Resistance:
20 megohms minimum. SAE J2030 6.3. Insulation resistance at 1000 volts DC adjacent terminals measured after 60 seconds or until
stabilization occurs.
Immersion:
IP67 rating
Random Vibration:
No discontinuities. See note. EIA-364-28 Subject mated specimens to 21 G’s rms between 25 to 2000 Hz. Twenty hours in each of three
mutually perpendicular planes.
Voltage:
250 volts DC
Note: Shall meet visual requirements, show no physical damage, and meet requirements of additional tests as specified in Product Qualification and Requalification Test
Sequence in Figure 3 of TE product document 108-2184.
HDSF 16 (AMPSEAL 16) CONTACTS
Durability:
SAE J2030 6.11. 50 cycles. See note.
Current Rating:
Up to 13 amps, consult TE product document 108-2184.
Contact Retention:
IEC 512-8, Test 51a. Apply axial load of 111 N to contacts at a maximum rate of 10 N per second (or 50 mm per minute) and hold for 10
seconds. Contacts shall not dislodge.
Crimp Tensile Strength:
USCAR 21 @ 50 mm/min
Wire Gauge
Tensile Strength
18 AWG
90 N Min
16 AWG
120 N Min
14 AWG
180 N Min
Voltage Drop:
Contact Size
Test Current Amps
Voltage Drop (millivolts max)
Size 18
8
100
Size 16
10
100
Size 14
13
100
Note: Shall meet visual requirements, show no physical damage, and meet requirements of additional tests as specified in the Product Qualification and Requalification Test
Sequence in Figure 3 of TE product document 108-2184. USCAR is a trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com