Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21PN-059 Datasheet(PDF) 41 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 41 Page - TE Connectivity Ltd

Back Button HDB36-24-21PN-059 Datasheet HTML 37Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 38Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 39Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 40Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 41Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 42Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 43Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 44Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 45Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 41
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, DT, 8 way, C key, green, enhanced seal ret., end cap
DT06-08SC-EP06
W8S-P012
16
Plug, DT, 8 way, C key, green, enhanced seal ret.
DT06-08SC-P012
W8S-P012
16
Plug, DT, 8 way, D key, brown
DT06-08SD
W8S
16
Plug, DT, 8 way, D key, brown, reduced dia. seals
DT06-08SD-C015
W8S
16
Plug, DT, 8 way, D key, brown, solid rear grommet
DT06-08SD-C017
Included
16
Plug, DT, 8 way, D key, brown, reduced dia. seals, end cap
DT06-08SD-CE01
W8S
16
Plug, DT, 8 way, D key, brown, enhanced seal ret., reduced dia. seals, end cap
DT06-08SD-CE05
W8S-P012
16
Plug, DT, 8 way, D key, brown, enhanced seal ret., end cap
DT06-08SD-EP06
W8S-P012
16
Plug, DT, 8 way, D key, brown, enhanced seal ret.
DT06-08SD-P012
W8S-P012
DT13/15 Series
16
Recept., DT13, 8 way, A key, gray, 90° molded pins, PCB mount
DT13-08PA
N/A
16
Recept., DT13, 8 way, A key, gray, 90° molded gold pins, PCB mount
DT13-08PA-G003
N/A
16
Recept., DT13, 8 way, B key, black, 90° molded pins, PCB mount
DT13-08PB
N/A
16
Recept., DT13, 8 way, B key, black, 90° molded gold pins, PCB mount
DT13-08PB-G003
N/A
16
Recept., DT13, 8 way, C key, green, 90° molded pins, PCB mount
DT13-08PC
N/A
16
Recept., DT13, 8 way, D key, brown, 90° molded pins, PCB mount
DT13-08PD
N/A
16
Recept., DT15, 8 way, A key, gray, 180° molded pins, PCB mount
DT15-08PA
N/A
16
Recept., DT15, 8 way, A key, gray, 180° molded gold pins, PCB mount
DT15-08PA-G003
N/A
16
Recept., DT15, 8 way, B key, black, 180° molded pins, PCB mount
DT15-08PB
N/A
16
Recept., DT15, 8 way, B key, black, 180° molded gold pins, PCB mount
DT15-08PB-G003
N/A
16
Recept., DT15, 8 way, C key, green, 180° molded pins, PCB mount
DT15-08PC
N/A
16
Recept., DT15, 8 way, C key, green, 180° molded gold pins, PCB mount
DT15-08PC-G003
N/A
16
Recept., DT15, 8 way, D key, brown, 180° molded pins, PCB mount
DT15-08PD
N/A
DTM Series
20
Recept., DTM, 8 way, A key, gray
DTM04-08PA
WM-8P
20
Recept., DTM, 8 way, A key, gray, end cap
DTM04-08PA-E003
WM-8P
20
Recept., DTM, 8 way, A key, black, end cap
DTM04-08PA-E005
WM-8P
20
Recept., DTM, 8 way, A key, black, high temp
DTM04-08PA-EE04
WM-8P
20
Recept., DTM, 8 way, B key, black
DTM04-08PB
WM-8P
20
Recept., DTM, 8 way, C key, green
DTM04-08PC
WM-8P
20
Recept., DTM, 8 way, D key, brown
DTM04-08PD
WM-8P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com