Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6243 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6243
Description  VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6243 Datasheet(HTML) 1 Page - STMicroelectronics

  L6243 Datasheet HTML 1Page - STMicroelectronics L6243 Datasheet HTML 2Page - STMicroelectronics L6243 Datasheet HTML 3Page - STMicroelectronics L6243 Datasheet HTML 4Page - STMicroelectronics L6243 Datasheet HTML 5Page - STMicroelectronics L6243 Datasheet HTML 6Page - STMicroelectronics L6243 Datasheet HTML 7Page - STMicroelectronics L6243 Datasheet HTML 8Page - STMicroelectronics L6243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
L6243
L6243D
VOICE COIL MOTOR DRIVER
12V/5V OPERATION
PARKING FUNCTION
FOR HARD
DISK
HEAD ACTUATOR
OUTPUT CURRENT UP TO 2A DC, 2.5A
PEAK
LOW SATURATION VOLTAGE
LOGIC AND POWER SUPPLY MONITOR
LINEAR CONTROL
THERMAL PROTECTION
ENABLE FUNCTION
CURRENT SENSE RESISTOR CONNEC-
TIONS
DESCRIPTION
The L6243/D is a Bipolar IC developed for use in
Hard Disk Head Actuator positioning applications.
The Power Op-Amp Output Bridge, Differential
Amplifier, and Error Amplifier, are controlled by
TTL/CMOS, input compatible, Digital Logic, and
an Analog Current Control Voltage. A simple
RC compensation network, tied to the output of
the Error Amp, will configure the system to work
as a Transconductance Amplifier to drive a
Voice Coil Motor in Linear Mode.
Additional features include Power On Reset De-
lay, Enable and Park, as well as a general pur-
pose Operational Amplifier. A logic low at the
Park input activates the parking function. Holding
the Enable input low will disable the device by
forcing the outputs into a tristate mode. Power
Fail Monitors for the logic and power supplies in-
itiate an automatic parking sequence during a
power failure. A resistor programmed parking
voltage enables a constant velocity head retract.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
July 1996
BLOCK DIAGRAM
PLCC44
SO(24+2+2)
ORDERING NUMBERS:
L6243
L6243D
1/12


Similar Part No. - L6243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
More results

Similar Description - L6243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
VOICE COIL MOTOR DRIVER
Nov-1991
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
12V VOICE COIL MOTOR DRIVER
Feb-1998
logo
Vishay Siliconix
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
12-V Voice Coil Motor Driver
24-Jun-02
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
VOICE-COIL MOTOR DRIVER
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
VOICE COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
Low Voltage Voice Coil Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com