Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6243 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6243
Description  VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6243 Datasheet(HTML) 2 Page - STMicroelectronics

  L6243 Datasheet HTML 1Page - STMicroelectronics L6243 Datasheet HTML 2Page - STMicroelectronics L6243 Datasheet HTML 3Page - STMicroelectronics L6243 Datasheet HTML 4Page - STMicroelectronics L6243 Datasheet HTML 5Page - STMicroelectronics L6243 Datasheet HTML 6Page - STMicroelectronics L6243 Datasheet HTML 7Page - STMicroelectronics L6243 Datasheet HTML 8Page - STMicroelectronics L6243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN CONNECTION (Top view)
1
2
3
5
64
7
8
9
10
12
11
13
14
15
16
17
39
38
37
36
34
35
33
32
31
30
29
40
41
42
44 43
23
22
21
19
18
20
28
27
26
24 25
GND
ERROR AMP INPUT
ERROR AMP OUTPUT
OP AMP -INPUT
OP AMP OUTPUT
OP AMP +INPUT
GND
WRITE DISABLE OUTPUT
POWER ON RESET OUTPUT
PARK VOLTAGE PROGRAM
GND
GND
SENSE AMP INPUT A
N.C.
GND
GND
N.C.
N.C.
N.C.
GND
ENABLE INPUT
GND
D96IN449
ERROR OUTPUT
GND
GND
WRITE DISABLE OUTPUT
POWER ON RESET OUTPUT
POWER FAIL THRESHOLD
PARK VOLTAGE PROGRAM
VCC SENSE OUTPUT
POWER ON RESET DELAY
1
3
2
4
5
6
7
8
9
LOGIC SUPPLY SENSE (5V)
VCC
5V FILTER
PARK INPUT
OUTPUT A
ENABLE
GND
GND
SENSE AMP INPUT A
23
22
21
20
19
17
18
16
15
D96IN450
10
11
12
13
14
28
27
26
25
24
VREF
N.C.
N.C.
N.C.
ERROR AMP INPUT
SENSE AMP INPUT B
OUTPUT B
PARK POWER
VCC
SENSE AMP OUTPUT
PLCC-44
SO 24+2+2
L6243-L6243D
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com