Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ13A-R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5.0SMDJ13A-R
Description  Transient Voltage Suppressor Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5.0SMDJ13A-R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5.0SMDJ13A-R Datasheet HTML 1Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 2Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 3Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 4Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 5Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Surface mount SMC package
n
Standoff voltage: 12 to 30 volts
n
Peak pulse power: 5000 watts
n
Typical temperature coefficient:
DVBR = 0.1 % x VBR @ 25 °C x DT
n
RoHS compliant* and halogen free**
Sustainability
n
Recyclable ESD-safe packaging
n
ISO 14001, low-impact energy
n
Responsibly sourced and produced
Applications
n
Portable communications
n
Computing and video equipment
5.0SMDJ-R SERIES
Transient Voltage Suppressor Diodes
*RoHS
COMPLIANT
&
**HAL
OGEN
FREE
www.bourns.com
TECHNICAL INVENTORY
SAMPLES
FOLLOW
CONTACT
LIBRARY
PRODUCT
SELECTOR
Portable communications, computing and video equipment manufacturers
are challenging the semiconductor industry to develop increasingly higher
power density circuit protection components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD
protection applications, in compact chip package DO-214AB (SMC)
size format. The Transient Voltage Suppressor series offers a choice of
Working Peak Reverse Voltage from 12 to 30 V and Breakdown Voltage
up to 36.8 V. Typical fast response times are less than 1.0 ps from
0 V to Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle
with standard pick and place equipment and the flat configuration
minimizes roll away.
Product Overview
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900
ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine
(Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation (TP = 1 ms) (Note 1)
PPPM
5000
Watts
Peak Pulse Current with a 10/1000 µs Waveform
IPPM
See Electrical
Characteristics
Chart
Amps
Peak Forward Surge Current (Note 2)
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
300
Amps
Steady State Power Dissipation @ TL = 50 °C
PM(AV)
6.5
Watts
Maximum Instantaneous Forward Voltage @ IPP = 100 A (Note 2)
VF
5
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
1.
Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2.
Forward surge current and forward voltage are only applicable to unidirectional models.
3.
8.3 ms Single Sine Wave duty cycle = 4 pulses maximum per minute.
Contact Information
www.bourns.com
Phone
Email
Asia-Pacific
+886-2 2562-4117
asiacus@bourns.com
Europe
+36 88 885 877
eurocus@bourns.com
Mexico
+52 614 478 0400
mexicus@bourns.com
The Americas
+1-951 781-5500
americus@bourns.com
Agency Recognitiion
UL
File Number:
E153537


Similar Part No. - 5.0SMDJ13A-R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
5.0SMDJ13A-AT YAGEO-5.0SMDJ13A-AT Datasheet
479Kb / 9P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.4
logo
StarHope
5.0SMDJ13A-CA SPSEMI-5.0SMDJ13A-CA Datasheet
551Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 11 TO 170 Volts
logo
Shanghai Yint Electroni...
5.0SMDJ13A-H YINT-5.0SMDJ13A-H Datasheet
915Kb / 5P
Automotive and High Reliability TVS Diodes
logo
Bourns Electronic Solut...
5.0SMDJ13A-Q BOURNS-5.0SMDJ13A-Q Datasheet
536Kb / 6P
Transient Voltage Suppressor Diode Series
5.0SMDJ13A-Q BOURNS-5.0SMDJ13A-Q Datasheet
203Kb / 6P
5.0SMDJ-Q Transient Voltage Suppressor Diode Series
REV. 03/20
More results

Similar Description - 5.0SMDJ13A-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com