Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.0SMDJ13A-R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 5.0SMDJ13A-R
Description  Transient Voltage Suppressor Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5.0SMDJ13A-R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  5.0SMDJ13A-R Datasheet HTML 1Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 2Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 3Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 4Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 5Page - Bourns Electronic Solutions 5.0SMDJ13A-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.0SMDJ-R SERIES
Transient Voltage Suppressor Diodes
*RoHS
COMPLIANT
&
**HAL
OGEN
FREE
www.bourns.com
TECHNICAL INVENTORY
SAMPLES
FOLLOW
CONTACT
LIBRARY
PRODUCT
SELECTOR
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
Unidirectional
Device
Bidirectional
Device
Breakdown
Voltage
VBR (V)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@ Ipp
(10/1000 µs)
Maximum
Peak
Pulse
Current
(10/1000 µs)
Maximum
Clamping
Voltage
@ Ipp
(8/20 µs)
Maximum
Peak
Pulse
Current
(8/20 µs)
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT
(mA)
VRWM
(V)
IR
(µA)
Vc
(V)
Ipp
(A)
Vc
(V)
Ipp
(A)
5.0SMDJ12A-R
5PEP 5.0SMDJ12CA-R
5BEP
13.3 14.7
1
12.0
2
19.9
251.3
25.7
1382.2
5.0SMDJ13A-R
5PEQ 5.0SMDJ13CA-R
5BEQ
14.4 15.9
1
13.0
2
21.5
232.6
27.8
1279.3
5.0SMDJ14A-R
5PER 5.0SMDJ14CA-R
5BER
15.6 17.2
1
14.0
2
23.2
215.5
30.0
1185.3
5.0SMDJ15A-R
5PES 5.0SMDJ15CA-R
5BES
16.7 18.5
1
15.0
2
24.4
204.9
31.5
1127.0
5.0SMDJ16A-R
5PET 5.0SMDJ16CA-R
5BET
17.8 19.7
1
16.0
2
26.0
192.3
33.6
1057.7
5.0SMDJ17A-R
5PEU 5.0SMDJ17CA-R
5BEU
18.9 20.9
1
17.0
2
27.6
181.2
35.7
996.6
5.0SMDJ18A-R
5PEV 5.0SMDJ18CA-R
5BEV
20.0 22.1
1
18.0
2
29.2
171.2
37.7
941.6
5.0SMDJ20A-R
5PEW 5.0SMDJ20CA-R
5BEW
22.2 24.5
1
20.0
2
32.4
154.3
41.9
848.7
5.0SMDJ22A-R
5PEX
–
–
24.4 26.9
1
22.0
2
35.5
140.8
45.9
774.4
5.0SMDJ24A-R
5PEZ
–
–
26.7 29.5
1
24.0
2
38.9
128.5
50.3
706.8
5.0SMDJ26A-R
5PFE
–
–
28.9 31.9
1
26.0
2
42.1
118.8
54.4
653.4
5.0SMDJ28A-R
5PFG
–
–
31.1 34.4
1
28.0
2
45.4
110.1
58.7
605.6
5.0SMDJ30A-R
5PFK
–
–
33.3 36.8
1
30.0
2
48.4
103.3
62.5
568.2
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
5.0SMDJ 13 CA - R
Package
5.0SMDJ= SMC/DO-214AB
Working Peak Reverse Voltage
12 = 12 VRWM (Volts)
.
.
.
30 = 30 VRWM (Volts)
Suffix
A = 5 % Tolerance Unidirectional Device
CA = 5 % Tolerance Bidirectional Device
Reel
-R = 3,000 pcs. per 13-inch reel
How to Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com