Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AWS Datasheet(PDF) 2 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 2 Page - Microchip Technology

  SD103AWS Datasheet HTML 1Page - Microchip Technology SD103AWS Datasheet HTML 2Page - Microchip Technology SD103AWS Datasheet HTML 3Page - Microchip Technology SD103AWS Datasheet HTML 4Page - Microchip Technology SD103AWS Datasheet HTML 5Page - Microchip Technology SD103AWS Datasheet HTML 6Page - Microchip Technology SD103AWS Datasheet HTML 7Page - Microchip Technology SD103AWS Datasheet HTML 8Page - Microchip Technology SD103AWS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
MIC24054
DS20007043B-page 2
2025-2026 Microchip Technology Inc. and its subsidiaries
Typical Application Circuit
Functional Block Diagram
Efficiency (VIN = 12V) vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
024
68
10
OUTPUT CURRENT (A)
0.8V
0.9V
1V
1.2V
1.5V
1.8V
2.5V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com