Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AWS Datasheet(PDF) 22 Page - Microchip Technology

Part # SD103AWS
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS Datasheet(HTML) 22 Page - Microchip Technology

Back Button SD103AWS Datasheet HTML 18Page - Microchip Technology SD103AWS Datasheet HTML 19Page - Microchip Technology SD103AWS Datasheet HTML 20Page - Microchip Technology SD103AWS Datasheet HTML 21Page - Microchip Technology SD103AWS Datasheet HTML 22Page - Microchip Technology SD103AWS Datasheet HTML 23Page - Microchip Technology SD103AWS Datasheet HTML 24Page - Microchip Technology SD103AWS Datasheet HTML 25Page - Microchip Technology SD103AWS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
MIC24054
DS20007043B-page 22
2025-2026 Microchip Technology Inc. and its subsidiaries
If the voltage divider resistors R1 and R2 are in the kΩ
range, a CFF of 1 nF to 100 nF can easily satisfy the
large time constant requirements. Also, a 100 nF
injection capacitor Cinj is used in order to be
considered as short for a wide range of the
frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1. Select CFF to feed all output ripples into the
Feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of CFF is 1 nF to
100 nF if R1 and R2 are in the kΩ range.
Step 2. Select Rinj according to the expected feedback
voltage ripple using Equation 5-17:
EQUATION 5-19:
Then the value of Rinj is obtained as:
EQUATION 5-20:
Step 3. Select Cinj as 100 nF, which could be
considered as short for a wide range of the
frequencies.
5.5
Setting Output Voltage
The MIC24054 requires two resistors to set the output
voltage as shown in Figure 5-4.
FIGURE 5-4:
Voltage Divider
Configuration.
It is recommended to use a bleeder resistor (VOUT to
GND) of 27 kΩ for better regulation at output voltages
below 1V.
The output voltage is determined by Equation 5-21:
EQUATION 5-21:
If R1 is too large, it may allow noise to be introduced
into the voltage feedback loop. If R1 is too small, it will
decrease the efficiency of the power supply, especially
at light loads. Once R1 is selected, R2 can be
calculated using Equation 5-22.
EQUATION 5-22:
In addition to the external ripple injection added at the
FB pin, internal ripple injection is added at the inverting
input of the comparator inside the MIC24054, as shown
in Figure 5-5. The inverting input voltage VINJ is
clamped to 1.2V. As VOUT is increased, the swing of
VINJ will be clamped. The clamped VINJ reduces the
line regulation because it is reflected as a DC error on
the FB terminal. Therefore, the maximum output
voltage of the MIC24054 should be limited to 5.5V to
avoid this problem.
FIGURE 5-5:
Internal Ripple Injection.
KDIV
VFB PP
VIN
-----------------------
fSW 
D
1 D
–
-----------------------------
=
Rinj
R1//R2
1
KDIV
------------ 1
–
=
VOUT VFB 1 R1
R
2
-------
+
=
R
2
VFB R1
VOUT VFB
–
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com