Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP221S2-R002-B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # FWP221S2-R002-B
Description  Riedon™ Precision Power Foil Shunt Resistors by Bourns
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP221S2-R002-B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  FWP221S2-R002-B Datasheet HTML 1Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 2Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 3Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 4Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 5Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 6Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Applications
n
Battery management systems
n
Power supplies
n
Power modules
n
Frequency converters
Temperature Coefficient
2000
0
-2000
-4000
-6000
-8000
-10000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
NOMINAL
Δ R/R
LIMIT 1
LIMIT 2
Power Derating Curve
120
100
80
60
40
20
0
25
50
0.5 %
0.2 %
0.1 %
85
100
115
130
TEMPERATURE OF THE BACKPLATE (°C)
Power Rating Notes
The FWP Series Resistors must be attached to a suitable heat
sink. The maximum internal resistor temperature is 130 °C.
To specify an appropriate heat sink use the following formula:
RθH = TMAX - (P x RθR) - TA
P
Where: RθH = Thermal Resistance of Heat Sink (K/W)
RθR = Thermal Resistance of Resistor (K/W)
TMAX = Maximum Temperature of Resistor
TA = Ambient Temperature of Heat Sink (°C)
P = Power Through Resistor (W)
Performance Characteristics
Test
Conditions
Test Method
Reference
Limit
Load Life
1000 hours, ON/OFF with rated
power at +25 ℃
MIL-STD-202 Method 108
ΔR < ±1 %
High Temperature Exposure
+155 °C for 1000 hours
MIL-STD-202 Method 303
ΔR < ±1 %
Low Temperature Storage
-55 ℃ for 24 hours
MIL-STD-202 Method 303
ΔR < ±0.5 %
Thermal Shock
-55 °C to +155 ℃, 5 cycles
MIL-STD-202 Method 107
ΔR < ±0.5 %
Humidity Resistance
+40 ℃ / 90 % for 240 hours
MIL-STD-202 Method 103
ΔR < ±0.5 %
Resistance to Solder Heat
Solder dipping at 260 ℃ for 10 sec. MIL-STD-202 Method 210
ΔR < ±0.5 %
Short Time Overload
2.5x rated power for 5 sec.
MIL-STD-202 Method 303
ΔR < ±0.5 %
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
FWP220/221 Series – Riedon™ Precision Power Foil Shunt Resistors by Bourns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com