Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP221S2-R002-B Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # FWP221S2-R002-B
Description  Riedon™ Precision Power Foil Shunt Resistors by Bourns
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP221S2-R002-B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  FWP221S2-R002-B Datasheet HTML 1Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 2Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 3Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 4Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 5Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 6Page - Bourns Electronic Solutions FWP221S2-R002-B Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Suggested Layout
DIMENSIONS:
MM
(INCHES)
FWP220S2
FWP220S4
12.10
(.476)
18.33
(.722)
1.76
(.069)
5.08
(.200)
3.20
(.126)
11.16
(.439)
12.10
(.476)
18.33
(.722)
1.76
(.069)
2.54
(.100)
7.62
(.300)
3.20
(.126)
11.16
(.439)
Typical Part Marking
FWP220S2
10R0 1%
MANUFACTURER’S
TRADEMARK
SIZE
TERMINAL STYLE
NUMBER OF
TERMINALS
MODEL
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R050 = 0.05 Ω,
10R0 = 10 Ω)
RESISTANCE
TOLERANCE
FWP220/221 Series – Riedon™ Precision Power Foil Shunt Resistors by Bourns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com