Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8066ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8066ARMZ
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8066ARMZ Datasheet HTML 15Page - Analog Devices AD8066ARMZ Datasheet HTML 16Page - Analog Devices AD8066ARMZ Datasheet HTML 17Page - Analog Devices AD8066ARMZ Datasheet HTML 18Page - Analog Devices AD8066ARMZ Datasheet HTML 19Page - Analog Devices AD8066ARMZ Datasheet HTML 20Page - Analog Devices AD8066ARMZ Datasheet HTML 21Page - Analog Devices AD8066ARMZ Datasheet HTML 22Page - Analog Devices AD8066ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8065/AD8066
Rev. G | Page 19 of 28
The closed-loop bandwidth is inversely proportional to the
noise gain of the op amp circuit, (RF + RG )/RG. This simple
model is accurate for noise gains above 2. The actual bandwidth
of circuits with noise gains at or below 2 are higher than those
predicted with this model due to the influence of other poles in
the frequency response of the real op amp.
VO
RF
A
RG
VI
Ib–
RS
Ib+
+VOS –
Figure 54. Voltage Feedback Amplifier DC Errors
Figure 54 shows a voltage feedback amplifier’s dc errors. For
both inverting and noninverting configurations
()
⎟
⎠
⎞
⎜
⎝
⎛
+
+
×
−
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
−
+
G
F
G
OS
F
b
G
F
G
S
b
O
R
R
R
V
R
I
R
R
R
R
I
error
V
The voltage error due to Ib+ and Ib– is minimized if RS = RF || RG
(though with the AD8065 input currents at less than 20 pA over
temperature, this is likely not a concern). To include common-
mode and power supply rejection effects, total VOS can be
modeled
CMR
V
PSR
V
V
V
CM
S
nom
OS
OS
Δ
Δ
+
+
=
nom
OS
V
is the offset voltage specified at nominal conditions,
ΔVS is the change in power supply from nominal conditions,
PSR is the power supply rejection, ΔVCM is the change in
common-mode voltage from nominal conditions, and CMR is
the common-mode rejection.
WIDEBAND OPERATION
Figure 42 through Figure 44 show the circuits used for
wideband characterization for gains of +1, +2, and −1. Source
impedance at the summing junction (RF || RG) will form a pole
in the amplifier’s loop response with the amplifier’s input
capacitance of 6.6 pF. This can cause peaking and ringing if the
time constant formed is too low. Feedback resistances of 300 Ω
to 1 kΩ are recommended, since they will not unduly load
down the amplifier and the time constant formed will not be
too low. Peaking in the frequency response can be compensated
for with a small capacitor (CF) in parallel with the feedback
resistor, as illustrated in Figure 12. This shows the effect of
different feedback capacitances on the peaking and bandwidth
for a noninverting G = +2 amplifier.
For the best settling times and the best distortion, the
impedances at the AD8065/AD8066 input terminals should be
matched. This minimizes nonlinear common-mode capacitive
effects that can degrade ac performance.
Actual distortion performance depends on a number of
variables:
•
The closed-loop gain of the application
•
Whether it is inverting or noninverting
•
Amplifier loading
•
Signal frequency and amplitude
•
Board layout
Also see Figure 16 to Figure 20. The lowest distortion is
obtained with the AD8065 used in low gain inverting appli-
cations, since this eliminates common-mode effects. Higher
closed-loop gains result in worse distortion performance.
INPUT PROTECTION
The inputs of the AD8065/AD8066 are protected with back-to-
back diodes between the input terminals as well as ESD diodes
to either power supply. This results in an input stage with
picoamps of input current that can withstand up to 1500 V ESD
events (human body model) with no degradation.
Excessive power dissipation through the protection devices
destroys or degrades the performance of the amplifier. Differ-
ential voltages greater than 0.7 V result in an input current of
approximately (|V+ − V−| 0.7 V)/RI, where RI is the resistance in
series with the inputs.
For input voltages beyond the positive supply, the input current
is approximately (VI − VCC − 0.7)/RI. Beyond the negative
supply, the input current is about (VI − VEE + 0.7)/RI. If the
inputs of the amplifier are to be subjected to sustained
differential voltages greater than 0.7 V, or to input voltages
beyond the amplifier power supply, input current should be
limited to 30 mA by an appropriately sized input resistor (RI), as
shown in Figure 55.
RI
VI
VO
AD8065
RI >
(| V+–V– | – 0.7V)
30mA
FOR LARGE | V+ –V– |
RI >
(VI –VEE – 0.7V)
30mA
RI >
(VI –VEE + 0.7V)
30mA
FOR VI BEYOND
SUPPLY VOLTAGES
Figure 55. Current-Limiting Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com