Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8066ARMZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8066ARMZ
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARMZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8066ARMZ Datasheet HTML 19Page - Analog Devices AD8066ARMZ Datasheet HTML 20Page - Analog Devices AD8066ARMZ Datasheet HTML 21Page - Analog Devices AD8066ARMZ Datasheet HTML 22Page - Analog Devices AD8066ARMZ Datasheet HTML 23Page - Analog Devices AD8066ARMZ Datasheet HTML 24Page - Analog Devices AD8066ARMZ Datasheet HTML 25Page - Analog Devices AD8066ARMZ Datasheet HTML 26Page - Analog Devices AD8066ARMZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8065/AD8066
Rev. G | Page 23 of 28
INPUT-TO-OUTPUT COUPLING
To minimize capacitive coupling between the inputs and output,
the output signal traces should not be parallel with the inputs.
WIDEBAND PHOTODIODE PREAMP
Figure 58 shows an I/V converter with an electrical model of a
photodiode. The basic transfer function is
F
F
F
PHOTO
OUT
R
sC
R
I
V
+
×
=
1
where IPHOTO is the output current of the photodiode, and the
parallel combination of RF and CF sets the signal bandwidth.
The stable bandwidth attainable with this preamp is a function
of RF, the gain bandwidth product of the amplifier, and the total
capacitance at the amplifier’s summing junction, including CS
and the amplifier input capacitance. RF and the total capacitance
produce a pole in the amplifier’s loop transmission that can
result in peaking and instability. Adding CF creates a 0 in the
loop transmission that compensates for the pole’s effect and
reduces the signal bandwidth. It can be shown that the signal
bandwidth resulting in a 45° phase margin (f(45)) is defined by
()
S
F
CR
C
R
f
f
×
×
π
=
2
45
where fCR is the amplifier crossover frequency, RF is the feedback
resistor, and CS is the total capacitance at the amplifier summing
junction (amplifier + photodiode + board parasitics).
The value of CF that produces f(45) can be shown to be
CR
F
S
F
f
R
C
C
×
×
π
=
2
The frequency response in this case shows about 2 dB of
peaking and 15% overshoot. Doubling CF and cutting the
bandwidth in half results in a flat frequency response with
about 5% transient overshoot.
The preamp’s output noise over frequency is shown in Figure 59.
FREQUENCY (Hz)
2
πR
FCF
2
πR
F (CF +CS +CM +2CD)
(CS +CM +2CD +CF)/CF
RF NOISE
VEN (CF +CS +CM + 2CD)/CF
f3
f2
f3 =
VEN
f1
f2 =
f1 =
1
1
fCR
NOISE DUE TO AMPLIFIER
Figure 59. Photodiode Voltage Noise Contributions
The pole in the loop transmission translates to a 0 in the
amplifier’s noise gain, leading to an amplification of the input
voltage noise over frequency. The loop transmission 0
introduced by CF limits the amplification. The noise gain
bandwidth extends past the preamp signal bandwidth and is
eventually rolled off by the decreasing loop gain of the
amplifier. Keeping the input terminal impedances matched is
recommended to eliminate common-mode noise peaking
effects, which adds to the output noise.
Integrating the square of the output voltage noise spectral
density over frequency and then taking the square root allows
users to obtain the total rms output noise of the preamp. Table 5
summarizes approximations for the amplifier and feedback and
source resistances. Noise components for an example preamp
with RF = 50 kΩ, CS = 15 pF, and CF = 2 pF (bandwidth of about
1.6 MHz) are also listed.
Table 5. RMS Noise Contributions of Photodiode Preamp
Contributor
Expression
RMS Noise with RF = 50 kΩ,
CS = 15 pF, CS = 15 pF
RF (×2)
57
1
4
2
.
f
R
kT
2
F
×
×
×
×
64.5 μV
Amp to f1
1
f
VEN ×
2.4 μV
Amp (f2 – f1)
1
2
F
D
F
M
S
f
f
C
C
C
C
C
VEN
−
×
+
+
+
×
2
31 μV
Amp to (past f2)
57
.
1
2
×
×
+
+
+
×
3
F
F
D
M
S
f
C
C
C
C
C
VEN
260 μV
270 μV (Total)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com