Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4417-3ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4417-3ARMZ-R7
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4417-3ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4417-3
Rev. A | Page 8 of 16
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
500
FREQUENCY (MHz)
BLACK LINE: VS = 0.2V p-p
GRAY LINE: VS = 2.0V p-p
Figure 10. Frequency Response vs. Amplitude
10
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
10
1
0.1
100
500
FREQUENCY (MHz)
VS = 3.3V, DCO = H
VS = 3.3V, DCO = L
VS = 5V, DCO = H
VS = 5V, DCO = L
REFERRED TO INPUT
Figure 11. PSRR vs. Frequency
–20
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
1
10
100
500
FREQUENCY (MHz)
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
VIN = 1V p-p
DISABLE = 0
Figure 12. Off Isolation vs. Frequency
36
24
26
28
30
32
34
110
FREQUENCY (MHz)
100
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
Figure 13. Group Delay vs. Frequency
10k
1k
100
0.1
1
100
10
500
FREQUENCY (MHz)
DISABLE = 0
Figure 14. Output Impedance (Disabled) vs. Frequency
–30
–100
–90
–80
–70
–60
–50
–40
0.1
1
100
10
500
FREQUENCY (MHz)
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
REFERRED TO INPUT
RT = 275Ω
Figure 15. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com