Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4417-3ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4417-3ARMZ-R7
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4417-3ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4417-3
Rev. A | Page 14 of 16
VIDEO ENCODER RECONSTRUCTION FILTER
The ADA4417-3 is easily applied as a reconstruction filter at the
DAC outputs of a video encoder. Figure 28 illustrates how to use
the ADA4417-3 in this type of application with an ADV7322 video
encoder in a single-supply application with ac-coupled outputs.
5V
(ANALOG)
ADA4417-3
ADV7322
VIDEO ENCODER
VIDEO
DAC
OUTPUTS
RL
RL
RL
10
Y/G OUT
75Ω
220µF
8
Pb/B OUT
75Ω
220µF
6
Pr/R OUT
75Ω
220µF
9
VCC
7
GND
4
DCO
1
Y/G IN
3
Pb/B IN
5
Pr/R IN
2
DISABLE
0.1µF
DISABLE/POWER
DOWN CONTROL
DC OFFSET
CONTROL
Figure 28. The ADA4417-3 Applied as a Video Reconstruction Filter Following the ADV7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com