Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4431-1YCPZ-R2
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4431-1YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADA4431-1
Rev. A | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.0 V (@ TA = 25°C, VIN = 1 V p-p, RL = 150 Ω, unless otherwise noted).
10
0
–10
–20
–30
–40
–50
–60
–70
0.1
1
10
100
FREQUENCY (MHz)
CHARGE PUMP ON
CHARGE PUMP OFF
Figure 5. Large Signal Frequency Response
1
0
–5
–4
–3
–2
–1
0.1
1
10
FREQUENCY (MHz)
CHARGE PUMP ON
CHARGE PUMP OFF
Figure 6. Frequency Response Flatness
–60
–105
–100
–95
–90
–85
–80
–75
–70
–65
0.1
1
10
100
FREQUENCY (MHz)
DIS = 0V
Figure 7. Input-to-Output Isolation vs. Frequency
60
0
10
20
30
40
50
0.1
1
10
100
FREQUENCY (MHz)
CHARGE PUMP OFF
CHARGE PUMP ON
Figure 8. Group Delay vs. Frequency
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
0.1
1
10
100
FREQUENCY (MHz)
CHARGE PUMP ON
CHARGE PUMP OFF
VIN = 100mV p-p
DIS = 3V
Figure 9. PSRR vs. Frequency
10
0
–10
–20
–30
–40
–50
–60
0.1
1
10
100
FREQUENCY (MHz)
+25°C
0°C
–40°C
+85°C
Figure 10. Frequency Response for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com