Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4431-1YCPZ-R2
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4431-1YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4431-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADA4431-1
Rev. A | Page 9 of 12
THEORY OF OPERATION
OVERVIEW
The ADA4431-1 is designed for exceptional performance as
both a filter and a low power driver for portable video applications.
This performance is achieved by providing third-order filtering
without trading off power consumption or device size. While
consuming only 4.7 mA quiescent supply current, the ADA4431-1
provides video output on a single-supply as low as 2.5 V.
The ADA4431-1 also features a load detect circuit, which senses
current through the external 75 Ω back-termination resistor.
When either no video load or a short circuit is detected, the
ADA4431-1 enters a low power state. In this state, it draws
0.1 mA, continues to monitor the load current, and powers up
automatically when a video load is connected. Optionally, the
ADA4431-1 can be powered down via the disable pin (DIS).
Another external pin (LDO) outputs the load detection state
(for example, to an external system controller). This pin is high
(+VS) when a video load is present, and low (0 V) in the absence
of a video load or when the output is short-circuited.
The ADA4431-1 is intended for use in applications that have
both ac- and dc-coupled inputs and outputs. The rail-to-rail
buffer on the ADA4431-1 output is able to drive 2 V p-p video
signals into two doubly terminated video loads (150 Ω each) on
a single 2.5 V supply. The ADA4431-1 has a gain of 2 when the
SAG correction pin is tied directly to the output, which makes
up for the 6 dB termination loss (see Figure 17, Output Option 1).
When the SAG feature is used, the ADA4431-1 has a low
frequency gain of 2.5 (≈8 dB) and a high frequency gain of 2
(see Figure 17, Output Option 2). Signal offsets and supply levels
must be considered when using the SAG correction feature to
ensure that there are no headroom issues.
The input range of the ADA4431-1 includes ground, while the
output range is limited by the saturation of the output devices.
Saturation occurs several tens of mV from the positive and
negative supply rails.
The high input impedance and low input capacitance of the
ADA4431-1 offer advantages in a number of low power
applications. In reconstruction filter applications, the DAC can
be placed in its lowest power mode, allowing the use of a large-
valued load resistor. Using a large-valued load resistor does not
interfere with the frequency response of the ADA4431-1.
CHARGE PUMP OPERATION
The on-board charge pump creates a virtual negative supply for
the output driver, which allows the output signal to be dc-coupled,
with its black level at 0 V and sync tip at −300 mV. The charge
pump is enabled whenever the disable pin (DIS) is held high.
If DIS is left floating, or placed in a high impedance state, the
ADA4431-1 is powered up, but the charge pump is disabled,
which is typically the case for ac-coupling of the output. When
DIS is driven to 0 V, the entire device is powered down.
Table 6. Disable (DIS) Pin Function Summary
DIS Pin
Device State
Charge Pump State
Low
Disabled
Disabled
High
Enabled
Enabled
High-Z
Enabled
Disabled
LOAD DETECT
The load detect feature provides additional system power
management to keep the power consumption of a portable
device to the absolute minimum. The ADA4431-1 monitors the
output load for three conditions: a normal load, a shorted load,
and an open load. Each of these conditions occurs for a video
load, an audio load, and no load, respectively. Only in the video
load condition does the ADA4431-1 power up from 0.1 mA to
4.7 mA. A single I/O pin, LDO, notifies the system by either
being high for a video load or low for a short and open load.
With this information, it is intended that the system controller
power down any power intensive video processing blocks to
realize substantial power savings. The ADA4431-1 operates
autonomously, requiring no inputs to monitor the condition of
the output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com