Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM75 Datasheet HTML 1Page - National Semiconductor (TI) LM75 Datasheet HTML 2Page - National Semiconductor (TI) LM75 Datasheet HTML 3Page - National Semiconductor (TI) LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Logic Electrical Characteristics (Continued)
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for +V
S = +5 Vdc for LM75BIM-5,
LM75BIMM-5, LM75CIM-5, and LM75CIMM-5 and +V
S = +3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and
LM75CIMM-3 (Note 6). Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise
noted.
Symbol
Parameter
Conditions
Typical
(Note 12)
Limits
(Note 7)
Units
(Limit)
t
OF
Output Fall Time
C
L = 400 pF
250
ns (max)
I
O =3mA
I
2C DIGITAL SWITCHING CHARACTERISTICS Unless otherwise noted, these specifications apply for +V
S = +5 Vdc for
LM75BIM-5, LM75BIMM-5, LM75CIM-5, and LM75CIMM-5 and +V
S = +3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3,
and LM75CIMM-3. C
L (load capacitance) on output lines = 80 pF unless otherwise specified. Boldface limits apply for TA =
T
J =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted. The switching characteristics of the LM75 fully
meet or exceed the published specifications of the I
2C bus. The following parameters are the timing relationships between SCL
and SDA signals related to the LM75. They are not the I
2C bus specifications.
Symbol
Parameter
Conditions
Typical
(Note 12)
Limits
(Note 7)
Units
(Limit)
t
1
SCL (Clock) Period
2.5
µs (min)
t
2
Data in Set-Up Time to SCL High
100
ns (min)
t
3
Data Out Stable after SCL Low
0
ns (min)
t
4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns (min)
t
5
SDA High Hold Time after SCL High (Stop Condition)
100
ns (min)
t
TIMEOUT
SDA Time Low for Reset of Serial Interface (Note 13)
LM75B
75
325
ms (min)
ms (max)
LM75C
Not
Applicable
01265804
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceedthe power supplies with an input current of 5 mA to four.
Note 3: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: LM75
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil similar to the one shown in Figure 3 is summarized
in the table below:
Device Number
NS Package
Number
Thermal
Resistance (
θ
JA)
LM75BIM-3, LM75BIM-5, LM75CIM-3, LM75CIM-5
M08A
200˚C/W
LM75BIMM-3, LM75BIMM-5, LM75CIMM-3, LM75CIMM-5
MUA08A
250˚C/W
Note 6: All part numbers of the LM75 will operate properly over the +VS supply voltage range of 3V to 5.5V. The devices are tested and specified for rated accuracy
at their nominal supply voltage. Accuracy will typically degrade 1˚C/V of variation in +VS as it varies from the nominal value.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com