Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) LM75 Datasheet HTML 10Page - National Semiconductor (TI) LM75 Datasheet HTML 11Page - National Semiconductor (TI) LM75 Datasheet HTML 12Page - National Semiconductor (TI) LM75 Datasheet HTML 13Page - National Semiconductor (TI) LM75 Datasheet HTML 14Page - National Semiconductor (TI) LM75 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
1.0 Functional Description (Continued)
1.11 POINTER REGISTER
(Selects which registers will be read from or written to):
P7
P6
P5
P4
P3
P2
P1
P0
0
00000
Register
Select
P0-P1: Register Select:
P1
P0
Register
0
0
Temperature (Read only) (Power-up default)
0
1
Configuration (Read/Write)
10
T
HYST (Read/Write)
11
T
OS (Read/Write)
P2–P7: Must be kept zero.
1.12 TEMPERATURE REGISTER
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
XXXXXX
X
D0–D6: Undefined
D7–D15: Temperature Data. One LSB = 0.5˚C. Two’s
complement format.
1.13 CONFIGURATION REGISTER
(Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
O.S.
Cmp/Int
Shutdown
Polarity
Power up default is with all bits “0” (zero).
D0: Shutdown: When set to 1 the LM75 goes to low power
shutdown mode.
D1: Comparator/Interrupt mode: 0 is Comparator mode, 1 is
Interrupt mode.
D2: O.S. Polarity: 0 is active low, 1 is active high. O.S. is an
open-drain output under all conditions.
D3–D4: Fault Queue: Number of faults necessary to detect
before setting O.S. output to avoid false tripping due to
noise. Faults are determind at the end of a conversion.
Conversions take about 100 ms, typically, to complete.
D4
D3
Number of Faults
0
0
1 (Power-up default)
01
2
10
4
11
6
D5–D7: These bits are used for production testing and must
be kept zero for normal operation.
1.14 T
HYST AND TOS REGISTER
(Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
XXXXXX
X
D0–D6: Undefined
D7–D15: T
HYST Or TOS Trip Temperature Data. Power up
default is T
OS = 80˚C, THYST = 75˚C.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com