Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8028ARM
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8028ARM Datasheet HTML 5Page - Analog Devices AD8028ARM Datasheet HTML 6Page - Analog Devices AD8028ARM Datasheet HTML 7Page - Analog Devices AD8028ARM Datasheet HTML 8Page - Analog Devices AD8028ARM Datasheet HTML 9Page - Analog Devices AD8028ARM Datasheet HTML 10Page - Analog Devices AD8028ARM Datasheet HTML 11Page - Analog Devices AD8028ARM Datasheet HTML 12Page - Analog Devices AD8028ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8027/AD8028
Rev. C | Page 9 of 24
FREQUENCY (MHz)
0.1
1
10
100
1000
G = +1
VOUT = 200mV p-p
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
CL = 0pF
CL = 20pF
CL = 5pF
03327-A-009
Figure 10. AD8027 Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
G = +2
VOUT = 200mV p-p
VOUT = 2V p-p
VOUT = 4V p-p
03327-A-010
Figure 11. Frequency Response for Various Output Amplitudes
FREQUENCY (MHz)
0.1
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
1
0
2
+125°C
–40°C
+25°C
03327-A-011
G = +1
VOUT = 200mV p-p
Figure 12. AD8027 Small Signal Frequency Response vs. Temperature
FREQUENCY (MHz)
0.1
1
10
100
1000
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
3
2
03327-A-012
CL = 0pF
CL = 20pF
CL = 5pF
G = +1
VOUT = 200mV p-p
Figure 13. AD8028 Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
0.1
1
10
100
1000
–4
–3
–2
–1
0
1
2
3
5
4
6
7
8
G = +2
VOUT = 0.2V p-p
RL = 1kΩ
VOUT = 2.0V p-p
RL = 1kΩ
VOUT = 2.0V p-p
RL = 150Ω
VOUT = 0.2V p-p
RL = 150Ω
03327-A-013
Figure 14. Small Signal Frequency Response for Various RLOAD Values
FREQUENCY (MHz)
0.1
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VOUT = 200mV p-p
03327-A-014
+25°C
–40°C
+125°C
Figure 15. AD8028 Small Signal Frequency Response vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com