Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8028ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD8028ARM
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8028ARM Datasheet HTML 14Page - Analog Devices AD8028ARM Datasheet HTML 15Page - Analog Devices AD8028ARM Datasheet HTML 16Page - Analog Devices AD8028ARM Datasheet HTML 17Page - Analog Devices AD8028ARM Datasheet HTML 18Page - Analog Devices AD8028ARM Datasheet HTML 19Page - Analog Devices AD8028ARM Datasheet HTML 20Page - Analog Devices AD8028ARM Datasheet HTML 21Page - Analog Devices AD8028ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8027/AD8028
Rev. C | Page 18 of 24
In the event that the crossover region cannot be avoided,
specific attention has been given to the input stage to ensure
constant transconductance and minimal offset in all regions of
operation. The regions are PNP input pair running, NPN input
pair running, and both running at the same time (in the
200 mV crossover region). Maintaining constant transconduc-
tance in all regions ensures the best wideband distortion
performance when going between these regions. With this
technique, the AD8027/AD8028 can achieve greater than 80 dB
SFDR for a 2 V p-p, 1 MHz, and G = 1 signal on ±1.5 V
supplies. Another requirement needed to achieve this level of
distortion is that the offset of each pair must be laser trimmed
to achieve greater than 80 dB SFDR, even for low frequency
signals.
OUTPUT STAGE
The AD8027/AD8028 use a common-emitter output structure
to achieve rail-to-rail output capability. The output stage is
designed to drive 50 mA of linear output current, 40 mA within
200 mV of the rail, and 2.5 mA within 35 mV of the rail.
Loading of the output stage, including any possible feedback
network, lowers the open-loop gain of the amplifier. Refer to
Figure 49 for the loading behavior. Capacitive load can degrade
the phase margin of the amplifier. The AD8027/AD8028 can
drive up to 20 pF, G = 1, as shown in Figure 10. A small (25 Ω
to 50 Ω) series resistor, RSNUB, should be included, if the
capacitive load is to exceed 20 pF for a gain of 1. Increasing the
closed-loop gain increases the amount of capacitive load that
can be driven before a series resistor needs to be included.
B
DC ERRORS
The AD8027/AD8028 use two complementary input stages to
achieve rail-to-rail input performance, as mentioned in the
Input Stage section. To use the dc performance over the entire
common-mode range, the input bias current and input offset
voltage of each pair must be considered.
Referring to Figure 56, the output offset voltage of each pair is
calculated by
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
G
F
G
PNP
OS
OUT
PNP
OS
R
R
R
V
V
,
,
,
,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
G
F
G
NPN
OS
OUT
NPN
OS
R
R
R
V
V
,
,
,
where the difference of the two is the discontinuity experienced
when going through the crossover region.
The size of the discontinuity is defined as
(
)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
−
=
G
F
G
NPN
OS,
PNP
OS,
DIS
R
R
R
V
V
V
Using the crossover select feature of the AD8027/AD8028 helps
to avoid this region. In the event that the region cannot be
avoided, the quantity (VOS, PNP – VOS, NPN) is trimmed to minimize
this effect.
Because the input pairs are complementary, the input bias cur-
rent reverses polarity when going through the crossover region
shown in Figure 37. The offset between pairs is described by
()
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
−
=
−
F
G
F
G
S
NPN
B,
PNP
B,
NPN
OS,
PNP
OS,
R
R
R
R
R
I
I
V
V
IB, PNP is the input bias current of either input when the PNP
input pair is active, and IB, NPN is the input bias current of either
input pair when the NPN pair is active. If RS is sized so that
when multiplied by the gain factor it equals RF, this effect is
eliminated. It is strongly recommended to balance the imped-
ances in this manner when traveling through the crossover
region to minimize the dc error and distortion. As an example,
assuming that the PNP input pair has an input bias current of
6 μA and the NPN input pair has an input bias current of
−2 μA, a 200 μV shift in offset occurs when traveling through
the crossover region with RF equal to 0 Ω and RS equal to 25 Ω.
In addition to the input bias current shift between pairs, each
input pair has an input bias current offset that contributes to the
total offset in the following manner:
F
B
G
F
G
S
B
OS
R
I
R
R
R
R
I
V
−
+
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
Δ
VOUT
IB+
RF
RG
IB–
VOS
RS
+–
+–
VI
+
–
SELECT
–V
+V
–
+
AD8027/
AD8028
03327-A-055
Figure 56. Op Amp DC Error Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com