Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8529 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices AD8529 Datasheet HTML 11Page - Analog Devices AD8529 Datasheet HTML 12Page - Analog Devices AD8529 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8519/AD8529
Rev. D | Page 9 of 16
FREQUENCY (Hz)
40
60
–40
20
0
–20
10k
100k
1M
10M
100M
VS = 5V
RL = 830Ω
TA = 25°C
CL ≤ 5pF
Figure 10. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
20
30
40
50
60
70
80
90
100
110
VS = 5V
TA = 25°C
1k
10k
100k
1M
10M
Figure 11. CMRR vs. Frequency
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
1k
10k
100k
1M
10M
–PSRR
+PSRR
VS = 5V
TA = 25°C
Figure 12. PSRR vs. Frequency
CAPACITANCE (pF)
60
50
0
30
20
10
40
+OS
–OS
10
100
1k
VS = 5V
VCM = 2.5V
RL = 10kΩ
TA = 25°C
VIN = ±50mV
Figure 13. Overshoot vs. Capacitance Load
4
1
–4
3
1%
–1
–3
0
–2
1%
2
01
SETTLING TIME (µs)
2
0.1%
0.1%
VS = 5V
TA = 25°C
Figure 14. Step Size vs. Settling Time
FREQUENCY (Hz)
4
5
0
3
2
1
DISTORTION < 1%
VS = 5V
AVCC = 1
RL = 10kΩ
TA = 25°C
CL = 15pF
10k
100k
1M
10M
Figure 15. Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com