Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8529 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices AD8529 Datasheet HTML 11Page - Analog Devices AD8529 Datasheet HTML 12Page - Analog Devices AD8529 Datasheet HTML 13Page - Analog Devices AD8529 Datasheet HTML 14Page - Analog Devices AD8529 Datasheet HTML 15Page - Analog Devices AD8529 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8519/AD8529
Rev. D | Page 12 of 16
APPLICATIONS INFORMATION
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8519/AD8529 is limited by the associated rise in junction
temperature. The maximum safe junction temperature is 150°C
for these plastic packages. If this maximum is momentarily
exceeded, proper circuit operation is restored as soon as the
die temperature is reduced. Operating the product in an
overheated condition for an extended period can result in
permanent damage to the device.
PRECISION FULL-WAVE RECTIFIER
Slew rate is probably the most underestimated parameter when
designing a precision rectifier. Yet without a good slew rate,
large glitches are generated during the period when both diodes
are off.
The operation of the basic circuit (shown in Figure 23) should
be examined before considering the slew rate further. U1 is set
up to have two states of operation. D1 and D2 diodes switch the
output between the two states. State one is an inverter with a
gain of +1, and state two is a simple unity gain buffer where the
output is equal to the value of the virtual ground. The virtual
ground is the potential present at the noninverting node of the
U1. State one is active when VIN is larger than the virtual
ground. D2 is on in this condition. If VIN drops below virtual
ground, D2 turns off and D1 turns on. This causes the output of
U1 to simply buffer the virtual ground and this configuration is
state two. Therefore, the function of U1, which results from
these two states of operation, is a half-wave inverter. The U2
function takes the inverted half wave at a gain of two and sums
it into the original VIN wave, which outputs a rectified full wave.
0
2
1
<
−
=
−
IN
IN
OUT
V
V
V
This type of rectifier can be very precise if the following
electrical parameters are adhered to:
•
All passive components should be of tight tolerance, 1% for
resistors and 5% for capacitors.
•
If the application circuit requires high impedance (that is,
direct sensor interface), then an FET amplifier is a better
choice than the AD8519.
•
An amp such as the AD8519, which has a great slew rate
specification, yields the best result because the circuit
involves switching.
AD8519
AD8519
U2
U1
VIRTUAL GROUND =
2
NODE A
VOUT
VCC
VIN
R1
10kΩ
R4
10kΩ
R2
10kΩ
R3
4.99kΩ
R5
10kΩ
D2
1N914
D1
1N914
R7
3.32kΩ
R6
5kΩ
Figure 23. Precision Full-Wave Rectifier
Switching glitches are caused when D1 and D2 are both
momentarily off. This condition occurs every time the input
signal is equal to the virtual ground potential. When this
condition occurs, the U1 stage is taken out of the VOUT equation
and VOUT is equal to VIN × R5 × (R4 || R1 + R2 + R3). Note that
Node A should be VIN inverted or virtual ground, but in this
condition, Node A is simply tracking VIN. Given a sine wave
input centered around virtual ground, glitches are generated
at the sharp negative peaks of the rectified sine wave. If the
glitches are hard to notice on an oscilloscope, raise the fre-
quency of the sine wave until they become apparent. The size
of the glitches is proportional to the input frequency, the diode
turn-on potential (0.2 V or 0.65 V), and the slew rate of the op amp.
R6 and R7 are both necessary to limit the amount of bias
current related voltage offset. Unfortunately, there is no perfect
value for R6 because the impedance at the inverting node is
altered as D1 and D2 switch. Therefore, there is also some
unresolved bias current related offset. To minimize this offset,
use lower value resistors or choose an FET amplifier if the
optimized offset is still intolerable.
The AD8519 offers a unique combination of speed vs. power
ratio at 2.7 V single supply, small size (SC70 and SOT-23), and low
noise that makes it an ideal choice for most high volume and
high precision rectifier circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com