Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8534 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8534
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8534 Datasheet(HTML) 1 Page - Analog Devices

  AD8534 Datasheet HTML 1Page - Analog Devices AD8534 Datasheet HTML 2Page - Analog Devices AD8534 Datasheet HTML 3Page - Analog Devices AD8534 Datasheet HTML 4Page - Analog Devices AD8534 Datasheet HTML 5Page - Analog Devices AD8534 Datasheet HTML 6Page - Analog Devices AD8534 Datasheet HTML 7Page - Analog Devices AD8534 Datasheet HTML 8Page - Analog Devices AD8534 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, 250 mA Output,
Single-Supply Amplifiers
AD8531/AD8532/AD8534
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 2.7 V to 6 V
High output current: ±250 mA
Low supply current: 750 μA/amplifier
Wide bandwidth: 3 MHz
Slew rate: 5 V/μs
No phase reversal
Low input currents
Unity gain stable
Rail-to-rail input and output
APPLICATIONS
Multimedia audio
LCD drivers
ASIC input or output amplifiers
Headphone drivers
GENERAL DESCRIPTION
The AD8531, AD8532, and AD8534 are single, dual, and quad
rail-to-rail input/output single-supply amplifiers featuring
250 mA output drive current. This high output current makes
these amplifiers excellent for driving either resistive or capacitive
loads. AC performance is very good with 3 MHz bandwidth,
5 V/μs slew rate, and low distortion. All are guaranteed to operate
from a 3 V single supply as well as a 5 V supply.
The very low input bias currents enable the AD853x to be used for
integrators, diode amplification, and other applications requiring
low input bias current. Supply current is only 750 μA per
amplifier at 5 V, allowing low current applications to control
high current loads.
Applications include audio amplification for computers, sound
ports, sound cards, and set-top boxes. The AD853x family is
very stable, and it is capable of driving heavy capacitive loads
such as those found in LCDs.
The ability to swing rail-to-rail at the inputs and outputs enables
designers to buffer CMOS DACs, ASICs, or other wide output
swing devices in single-supply systems.
The AD8531/AD8532/AD8534 are specified over the extended
industrial temperature range (−40°C to +85°C). The AD8531 is
available in 8-lead SOIC, 5-lead SC70, and 5-lead SOT-23 packages.
The AD8532 is available in 8-lead SOIC, 8-lead MSOP, and 8-lead
TSSOP surface-mount packages. The AD8534 is available in
narrow 14-lead SOIC and 14-lead TSSOP surface-mount
packages.
PIN CONFIGURATIONS
–IN A
+IN A
V+
OUT A
V–
1
3
2
5
4
AD8531
Figure 1. 5-Lead SC70 and 5-Lead SOT-23
(KS and RJ Suffixes)
NC 1
–IN A 2
+IN A 3
V– 4
NC
8
V+
7
OUT A
6
NC
5
NC = NO CONNECT
AD8531
Figure 2. 8-Lead SOIC
(R Suffix)
AD8532
1
2
3
4
–IN A
+IN A
V–
OUT A
8
7
6
5
OUT B
–IN B
+IN B
V+
Figure 3. 8-Lead SOIC, 8-Lead TSSOP, and 8-Lead MSOP
(R, RU, and RM Suffixes)
AD8534
OUT A
–IN A
+IN A
V+
V–
+IN D
–IN D
OUT D
+IN B
–IN B
OUT B
OUT C
–IN C
+IN C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Figure 4. 14-Lead SOIC and 14-Lead TSSOP
(R and RU Suffixes)


Similar Part No. - AD8534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8534 AD-AD8534 Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8534AN AD-AD8534AN Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8534AR AD-AD8534AR Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8534ARU AD-AD8534ARU Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results

Similar Description - AD8534

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
TPS65133 짹5-V, 250-mA Dual-Output Power Supply
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Texas Instruments
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
Single-Supply, Low Cost Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com