Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT13-48PABCD-R015 Datasheet(PDF) 40 Page - TE Connectivity Ltd

Part # DT13-48PABCD-R015
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DT13-48PABCD-R015 Datasheet(HTML) 40 Page - TE Connectivity Ltd

Back Button DT13-48PABCD-R015 Datasheet HTML 36Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 37Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 38Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 39Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 40Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 41Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 42Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 43Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 44Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 40
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, DT, 8 way, A key, gray
DT06-08SA
W8S
16
Plug, DT, 8 way, A key, gray, reduced dia. seals
DT06-08SA-C015
W8S
16
Plug, DT, 8 way, A key, gray, solid rear grommet
DT06-08SA-C017
Included
16
Plug, DT, 8 way, A key, gray, reduced dia. seals, end cap
DT06-08SA-CE01
W8S
16
Plug, DT, 8 way, A key, gray, reduced dia. seals, shrink boot adapter
DT06-08SA-CE04
W8S
16
Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals, end cap
DT06-08SA-CE05
W8S-P012
16
Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals
DT06-08SA-CE06
W8S-P012
16
Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals
DT06-08SA-CE10
W8S-P012
16
Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals, end cap
DT06-08SA-CE11
W8S-P012
16
Plug, DT, 8 way, A key, black, enhanced seal ret., reduced dia. seals, shrink boot adapter
DT06-08SA-CE12
W8S-P012
16
Plug, DT, 8 way, A key, gray, enhanced seal ret., reduced dia. seals, shrink boot adapter
DT06-08SA-CE13
W8S-P012
16
Plug, DT, 8 way, A key, gray, end cap
DT06-08SA-E003
W8S
16
Plug, DT, 8 way, A key, black, end cap
DT06-08SA-E005
W8S
16
Plug, DT, 8 way, A key, gray, shrink boot adapter
DT06-08SA-E008
W8S
16
Plug, DT, 8 way, A key, gray, enhanced seal ret., end cap
DT06-08SA-EP06
W8S-P012
16
Plug, DT, 8 way, A key, black, enhanced seal ret.
DT06-08SA-EP07
W8S-P012
16
Plug, DT, 8 way, A key, black, enhanced seal ret., end cap
DT06-08SA-EP08
W8S-P012
16
Plug, DT, 8 way, A key, gray, enhanced seal ret.
DT06-08SA-P012
W8S-P012
16
Plug, DT, 8 way, B key, black
DT06-08SB
W8S
16
Plug, DT, 8 way, B key, black, reduced dia. seals
DT06-08SB-C015
W8S
16
Plug, DT, 8 way, B key, black, solid rear grommet
DT06-08SB-C017
Included
16
Plug, DT, 8 way, B key, black, reduced dia. seals, end cap
DT06-08SB-CE01
W8S
16
Plug, DT, 8 way, B key, black, enhanced seal ret., reduced dia. seals, end cap
DT06-08SB-CE05
W8S-P012
16
Plug, DT, 8 way, B key, black, enhanced seal ret., reduced dia. seals
DT06-08SB-CE06
W8S-P012
16
Plug, DT, 8 way, B key, black, enhanced seal ret., end cap
DT06-08SB-EP06
W8S-P012
16
Plug, DT, 8 way, B key, black, enhanced seal ret.
DT06-08SB-P012
W8S-P012
16
Plug, DT, 8 way, C key, green
DT06-08SC
W8S
16
Plug, DT, 8 way, C key, green, reduced dia. seals
DT06-08SC-C015
W8S
16
Plug, DT, 8 way, C key, green, solid rear grommet
DT06-08SC-C017
Included
16
Plug, DT, 8 way, C key, green, reduced dia. seals, end cap
DT06-08SC-CE01
W8S
16
Plug, DT, 8 way, C key, green, enhanced seal ret., reduced dia. seals, end cap
DT06-08SC-CE05
W8S-P012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com