Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT13-48PABCD-R015 Datasheet(PDF) 42 Page - TE Connectivity Ltd

Part # DT13-48PABCD-R015
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DT13-48PABCD-R015 Datasheet(HTML) 42 Page - TE Connectivity Ltd

Back Button DT13-48PABCD-R015 Datasheet HTML 38Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 39Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 40Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 41Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 42Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 43Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 44Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 45Page - TE Connectivity Ltd DT13-48PABCD-R015 Datasheet HTML 46Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 42
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Plug, DTM, 8 way, A key, gray
DTM06-08SA
WM-8S
20
Plug, DTM, 8 way, A key, gray, solid rear grommet
DTM06-08SA-C017
Included
20
Plug, DTM, 8 way, A key, gray, shrink boot adapter
DTM06-08SA-E007
WM-8S
20
Plug, DTM, 8 way, A key, black, high temp
DTM06-08SA-EE04
WM-8S
20
Plug, DTM, 8 way, B key, black
DTM06-08SB
WM-8S
20
Plug, DTM, 8 way, B key, black, shrink boot adapter
DTM06-08SB-E007
WM-8S
20
Plug, DTM, 8 way, C key, green
DTM06-08SC
WM-8S
20
Plug, DTM, 8 way, D key, brown
DTM06-08SD
WM-8S
DTM13 Series
20
Recept., DTM13, 8 way, A key, gray, custom flange, PCB mount
DTM13-08PA-R004
N/A
HD30 Series
12
Recept., HD30, 18 shell, 8 way, E seal
HD34-18-8PE
N/A
12
Recept., HD30, 18 shell, 8 way, E seal, cable clamp
HD34-18-8PE-059
N/A
12
Recept., HD30, 18 shell, 8 way, E seal, adapter
HD34-18-8PE-072
N/A
12
Recept., HD30, 18 shell, 8 way, N seal
HD34-18-8PN
N/A
12
Recept., HD30, 18 shell, 8 way, N seal, cable clamp
HD34-18-8PN-059
N/A
12
Recept., HD30, 18 shell, 8 way, N seal, adapter
HD34-18-8PN-072
N/A
12
Recept., HD30, 18 shell, 8 way, E seal, reverse
HD34-18-8SE
N/A
12
Recept., HD30, 18 shell, 8 way, E seal, reverse, cable clamp
HD34-18-8SE-059
N/A
12
Recept., HD30, 18 shell, 8 way, E seal, reverse, adapter
HD34-18-8SE-072
N/A
12
Recept., HD30, 18 shell, 8 way, N seal, reverse
HD34-18-8SN
N/A
12
Recept., HD30, 18 shell, 8 way, N seal, reverse, cable clamp
HD34-18-8SN-059
N/A
12
Recept., HD30, 18 shell, 8 way, N seal, reverse, adapter
HD34-18-8SN-072
N/A
12
Plug, HD30, 18 shell, 8 way, E seal, reverse
HD36-18-8PE
N/A
12
Plug, HD30, 18 shell, 8 way, E seal, reverse, cable clamp
HD36-18-8PE-059
N/A
12
Plug, HD30, 18 shell, 8 way, E seal, reverse, adapter
HD36-18-8PE-072
N/A
12
Plug, HD30, 18 shell, 8 way, N seal, reverse
HD36-18-8PN
N/A
12
Plug, HD30, 18 shell, 8 way, N seal, reverse, cable clamp
HD36-18-8PN-059
N/A
12
Plug, HD30, 18 shell, 8 way, N seal, reverse, adapter
HD36-18-8PN-072
N/A
12
Plug, HD30, 18 shell, 8 way, E seal
HD36-18-8SE
N/A
12
Plug, HD30, 18 shell, 8 way, E seal, cable clamp
HD36-18-8SE-059
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com