Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515AKS-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8515AKS-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515AKS-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8515AKS-R2 Datasheet HTML 3Page - Analog Devices AD8515AKS-R2 Datasheet HTML 4Page - Analog Devices AD8515AKS-R2 Datasheet HTML 5Page - Analog Devices AD8515AKS-R2 Datasheet HTML 6Page - Analog Devices AD8515AKS-R2 Datasheet HTML 7Page - Analog Devices AD8515AKS-R2 Datasheet HTML 8Page - Analog Devices AD8515AKS-R2 Datasheet HTML 9Page - Analog Devices AD8515AKS-R2 Datasheet HTML 10Page - Analog Devices AD8515AKS-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8515
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
450
200
250
300
350
400
4.65
4.70
4.75
4.80
4.85
4.90
4.95
BANDWIDTH (MHz)
VS = ±2.5V
Figure 2. Supply Current vs. Bandwidth
450
400
350
300
250
200
150
100
50
0
0123456
SUPPLY VOLTAGE (V)
Figure 3. Supply Current vs. Supply Voltage
500
300
–50
150
TEMPERATURE (°C)
450
400
350
–25
0
25
50
75
100
125
VS = 5V
Figure 4. ISY vs. Temperature
6
0
4.65
4.95
BANDWIDTH (MHz)
5
4
3
2
1
4.70
4.75
4.80
4.85
4.90
Figure 5. Supply Voltage vs. Bandwidth
160
0
02
LOAD CURRENT (mA)
VOH
VOL
0
VS = ±2.5V
140
120
100
80
60
40
20
510
15
Figure 6. Output Voltage to Supply Rail vs. Load Current
120
–80
1k
50M
FREQUENCY (Hz)
10k
1M
100k
10M
100
80
60
40
20
0
–20
–40
–60
270
–180
225
180
135
90
45
0
–45
–90
–135
VS = ±2.5V
AMPLITUDE = 20mV
GAIN
PHASE
Figure 7. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com