Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515AKS-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8515AKS-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515AKS-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8515AKS-R2 Datasheet HTML 1Page - Analog Devices AD8515AKS-R2 Datasheet HTML 2Page - Analog Devices AD8515AKS-R2 Datasheet HTML 3Page - Analog Devices AD8515AKS-R2 Datasheet HTML 4Page - Analog Devices AD8515AKS-R2 Datasheet HTML 5Page - Analog Devices AD8515AKS-R2 Datasheet HTML 6Page - Analog Devices AD8515AKS-R2 Datasheet HTML 7Page - Analog Devices AD8515AKS-R2 Datasheet HTML 8Page - Analog Devices AD8515AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8515
Rev. D | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 1.8 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
1
6
mV
−40°C < TA < +125°C
8
mV
Input Bias Current
IB
VS = 1.8 V
2
30
pA
−40°C < TA < +85°C
600
pA
−40°C < TA < +125°C
8
nA
Input Offset Current
IOS
1
10
pA
−40°C < TA < +125°C
500
pA
Input Voltage Range
0
1.8
V
Common-Mode Rejection Ratio
CMRR
0 V ≤ VCM ≤ 1.8 V
50
dB
−40°C < TA < +125°C
47
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, 0.3 V ≤ VOUT ≤ 1.5 V
110
400
V/mV
Offset Voltage Drift
ΔVOS/ΔT
4
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 μA, −40°C < TA < +125°C
1.79
V
IL = 750 μA, −40°C < TA < +125°C
1.77
V
Output Voltage Low
VOL
IL = 100 μA, −40°C < TA < +125°C
10
mV
IL = 750 μA, −40°C < TA < +125°C
30
mV
Short Circuit Limit
ISC
20
mA
POWER SUPPLY
Supply Current/Amplifier
ISY
VOUT = VS/2
325
450
μA
–40°C < TA < +125°C
500
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ
2.7
V/μs
Gain Bandwidth Product
GBP
5
MHz
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
22
nV/√Hz
f = 10 kHz
20
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com